Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 6 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 2Page - Analog Devices AD1843JS Datasheet HTML 3Page - Analog Devices AD1843JS Datasheet HTML 4Page - Analog Devices AD1843JS Datasheet HTML 5Page - Analog Devices AD1843JS Datasheet HTML 6Page - Analog Devices AD1843JS Datasheet HTML 7Page - Analog Devices AD1843JS Datasheet HTML 8Page - Analog Devices AD1843JS Datasheet HTML 9Page - Analog Devices AD1843JS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
REV. 0
–6–
AD1843
POWER SUPPLY (33
Ω HPOUT LOAD)
Min
Typ
Max
Units
Power Supply Range—Analog VCC
4.75
5.25
V
Power Supply Range—Digital VDD
2.85
5.25
V
Total Power Supply Current—5.0 VCC and VDD Operating
(5.0 VCC and VDD Supplies)
210
250
mA
Total Power Supply Current—5.0 VCC/3.0 VDD Operating*
(5.0 VCC Analog/3.0 VDD Digital Supplies)
150
175
mA
Analog Supply Current—5.0 VCC Operating
60
75
mA
Digital Supply Current—5.0 VDD Operating
150
175
mA
Digital Supply Current—3.0 VDD Operating*
90
100
mA
Digital Power Supply Current—VDD Power Down (PWRDWN LO)
1
mA
Analog Power Supply Current—VCC Power Down (PWRDWN LO)
0.5
mA
Power Dissipation—5.0 VCC and VDD Operating (Current
× Nominal Supply)
1250
mW
Power Dissipation—5.0 VCC/3.0 VDD Operating* (Current
× Nominal Supply)
875
mW
Power Dissipation—5.0 VCC and VDD Power Down (PWRDWN LO)
(Current
× Nominal Supply)
7.5
mW
Power Dissipation—5.0 VCC/3.0 VDD Power Down* (PWRDWN LO)
(Current
× Nominal Supply)
5mW
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)*
40
dB
(At Both Analog and Digital Supply Pins, for ADC, DAC1 and DAC2)
CLOCK SPECIFICATIONS*
Min
Typ
Max
Units
Input Crystal/Clock Frequency
24.576
MHz
Input Clock Duty Cycle (When an External Clock Is Used Instead of a Crystal)
25/75
75/25
%
Initialization Sample Rate Change Time
0
ms
PACKAGE CHARACTERISTICS
Typ
Units
PQFP
θ
JA (Thermal Resistance [Junction-to-Ambient])
96
°C/W
PQFP
θ
JC (Thermal Resistance [Junction-to-Case])
8.75
°C/W
TQFP
θ
JA (Thermal Resistance [Junction-to-Ambient])
30.6
°C/W
TQFP
θ
JC (Thermal Resistance [Junction-to-Case])
4.6
°C/W
NOTES
1The stopband repeats itself at multiples of 64
× F
S, where FS is the sampling frequency. Thus the audio mode digital filter will attenuate to –91.8 dB or better across
the frequency spectrum except for a range of
± 0.6 × F
S wide at multiples of 64 × FS.
2The stopband repeats itself at multiples of 64
× F
S, where FS is the sampling frequency. Thus the modem mode digital filter will attenuate to –75.7 dB or better across
the frequency spectrum except for a range of
± 0.542 × F
S wide at multiples of 64 × FS.
3The stopband repeats itself at multiples of 64
× F
S, where FS is the sampling frequency. Thus the resampler mode digital filter will attenuate to –92.2 dB or better
across the frequency spectrum except for a range of
± 0.5 × F
S wide at multiples of 64 × FS.
*Guaranteed, not tested.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
Min
Max
Units
Power Supplies
Digital (VDD)
–0.3
6.0
V
Analog (VCC)
–0.3
6.0
V
Input Current
(Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins) –0.3
VCC + 0.3
V
Digital Input Voltage (Signal Pins) –0.3
VDD + 0.3
V
Ambient Temperature (Operating) 0
+70
°C
Storage Temperature
–65
+150
°C
ESD Tolerance (Human Body
1000
V
Model per Method 3015.2
of MIL-STD-883B)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1843 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Temperature
Package
Package
Model
Range
Description
Option
AD1843JS
0
°C to +70°C
80-Lead PQFP
S-80
AD1843JST
0
°C to +70°C
100-Lead TQFP ST-100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com