Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 34 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 34 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 30Page - Analog Devices AD1843JS Datasheet HTML 31Page - Analog Devices AD1843JS Datasheet HTML 32Page - Analog Devices AD1843JS Datasheet HTML 33Page - Analog Devices AD1843JS Datasheet HTML 34Page - Analog Devices AD1843JS Datasheet HTML 35Page - Analog Devices AD1843JS Datasheet HTML 36Page - Analog Devices AD1843JS Datasheet HTML 37Page - Analog Devices AD1843JS Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
REV. 0
–34–
AD1843
LDA1G5:0
Left DAC1 Analog/Digital Gain/Attenuation Select. Least significant bit represents –1.5 dB. Note that the
implementation of the attenuation is mixed analog and digital.
0 00000 =
+12.0 dB:
+12.0 dB Analog,
+0.0 dB Digital
0 01000 =
0.0 dB:
+0.0 dB Analog,
+0.0 dB Digital
0 11111 =
–34.5 dB:
–34.5 dB Analog,
+0.0 dB Digital
1 00000 =
–36.0 dB:
–34.5 dB Analog,
–1.5 dB Digital
1 11111 =
–82.5 dB:
–34.5 dB Analog,
–48.0 dB Digital
RDA1GM
Right DAC1 Analog Mute
0 = Right DAC1 Enabled
1 = Right DAC1 Muted
RDA1G5:0
Right DAC1 Analog/Digital Gain/Attenuation Select. Least significant bit represents –1.5 dB. Note that the
implementation of the attenuation is mixed analog and digital.
0 00000 =
+12.0 dB:
+12.0 dB Analog,
+0.0 dB Digital
0 01000 =
0.0 dB:
+0.0 dB Analog,
+0.0 dB Digital
0 11111 =
–34.5 dB:
–34.5 dB Analog,
+0.0 dB Digital
1 00000 =
–36.0 dB:
–34.5 dB Analog,
–1.5 dB Digital
1 11111 =
–82.5 dB:
–34.5 dB Analog,
–48.0 dB Digital
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 1000 1000 1000 1000 (8888 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled); when the ANAEN bit in Control Register Address 27 is reset to “0”
(analog channels powered down); or when the DA1EN bit in Control Register Address 27 is reset to “0” (DAC1
disabled).
Address 10
Output Control—DAC2 Analog Gain/Attenuation
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LDA2GM
res
LDA2G5
LDA2G4
LDA2G3
LDA2G2
LDA2G1
LDA2G0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RDA2GM
res
RDA2G5
RDA2G4
RDA2G3
RDA2G2
RDA2G1
RDA2G0
LDA2GM
Left DAC2 Analog Mute
0 = Left DAC2 Enabled
1 = Left DAC2 Muted
LDA2G5:0
Left DAC2 Analog/Digital Gain/Attenuation Select. Least significant bit represents –1.5 dB. Note that the imple-
mentation of the attenuation is mixed analog and digital.
0 00000 =
+12.0 dB:
+12.0 dB Analog,
+0.0 dB Digital
0 01000 =
0.0 dB:
+0.0 dB Analog,
+0.0 dB Digital
0 11111 =
–34.5 dB:
–34.5 dB Analog,
+0.0 dB Digital
1 00000 =
–36.0 dB:
–34.5 dB Analog,
–1.5 dB Digital
1 11111 =
–82.5 dB:
–34.5 dB Analog,
–48.0 dB Digital
RDA2GM
Right DAC2 Analog Mute
0 = Right DAC2 Enabled
1 = Right DAC2 Muted
RDA2G5:0
Right DAC2 Analog/Digital Gain/Attenuation Select. Least significant bit represents –1.5 dB. Note that the imple-
mentation of the attenuation is mixed analog and digital.
0 00000 =
+12.0 dB:
+12.0 dB Analog,
+0.0 dB Digital
0 01000 =
0.0 dB:
+0.0 dB Analog,
+0.0 dB Digital
0 11111 =
–34.5 dB:
–34.5 dB Analog,
+0.0 dB Digital
1 00000 =
–36.0 dB:
–34.5 dB Analog,
–1.5 dB Digital
1 11111 =
–82.5 dB:
–34.5 dB Analog,
–48.0 dB Digital
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 1000 1000 1000 1000 (8888 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled); when the ANAEN bit in Control Register Address 27 is reset to “0”
(analog channels powered down); or when the DA2EN bit in Control Register Address 27 is reset to “0” (DAC2
disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com