Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 35 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 35 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 31Page - Analog Devices AD1843JS Datasheet HTML 32Page - Analog Devices AD1843JS Datasheet HTML 33Page - Analog Devices AD1843JS Datasheet HTML 34Page - Analog Devices AD1843JS Datasheet HTML 35Page - Analog Devices AD1843JS Datasheet HTML 36Page - Analog Devices AD1843JS Datasheet HTML 37Page - Analog Devices AD1843JS Datasheet HTML 38Page - Analog Devices AD1843JS Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
AD1843
REV. 0
–35–
Address 11
Output Control—DAC1 Digital Attenuation
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LDA1AM
res
LDA1A5
LDA1A4
LDA1A3
LDA1A2
LDA1A1
LDA1A0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RDA1AM
res
RDA1A5
RDA1A4
RDA1A3
RDA1A2
RDA1A1
RDA1A0
LDA1AM
Left DAC1 Digital Mute
0 = Left DAC1 Enabled
1 = Left DAC1 Muted
LDA1A5:0
Left DAC1 Digital Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111111 = –94.5 dB Attenuation
RDA1AM
Right DAC1 Digital Mute
0 = Right DAC1 Enabled
1 = Right DAC1 Muted
RDA1A5:0
Right DAC1 Digital Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111111 = –94.5 dB Attenuation
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 0000 0000 0000 0000 (0000 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled).
Address 12
Output Control—DAC2 Digital Attenuation
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LDA2AM
res
LDA2A5
LDA2A4
LDA2A3
LDA2A2
LDA2A1
LDA2A0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RDA2AM
res
RDA2A5
RDA2A4
RDA2A3
RDA2A2
RDA2A1
RDA2A0
LDA2AM
Left DAC2 Digital Mute
0 = Left DAC2 Enabled
1 = Left DAC2 Muted
LDA2A5:0
Left DAC2 Digital Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111111 = –94.5 dB Attenuation
RDA2AM
Right DAC2 Digital Mute
0 = Right DAC2 Enabled
1 = Right DAC2 Muted
RDA2A5:0
Right DAC2 Digital Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111111 = –94.5 dB Attenuation
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 0000 0000 0000 0000 (0000 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com