Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 1 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 1 Page - Analog Devices

  AD1843JS Datasheet HTML 1Page - Analog Devices AD1843JS Datasheet HTML 2Page - Analog Devices AD1843JS Datasheet HTML 3Page - Analog Devices AD1843JS Datasheet HTML 4Page - Analog Devices AD1843JS Datasheet HTML 5Page - Analog Devices AD1843JS Datasheet HTML 6Page - Analog Devices AD1843JS Datasheet HTML 7Page - Analog Devices AD1843JS Datasheet HTML 8Page - Analog Devices AD1843JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
a
Serial-Port 16-Bit
SoundComm Codec
AD1843
FEATURES
Single Chip Integrated Speech, Audio, Fax and Modem
Codec
Highly Configurable Stereo
∑∆ ADCs and Quad ∑∆ DACs
Supports V.34, V.32bis, and Fallback Modem Standards
As Well As Voice Over Data
Dual Digital Resamplers with Programmable Input and
Output Phase and Frequency
Three On-Chip Phase Lock Loops for Synchronization to
External Signals, Including Video
Thirteen Analog Inputs and Seven Analog Outputs
Advanced Analog and Digital Signal Mixing and Digital-
to-Digital Sample Rate Conversion
Programmable Gain, Attenuation and Mute
On-Chip Signal Filters
Digital Interpolation and Decimation
Analog Output Low Pass
1 Hz Resolution Programmable Sample Rates from 4 kHz
to 54 kHz Derived from a Single Clock Input
80-Lead PQFP and 100-Lead TQFP Packages
Operation from +5 V or Mixed +5 V/+3 V Supplies
FIFO-Buffered Serial Digital Interface Compatible with
ADSP-21xx Fixed-Point DSPs
Advanced Power Management
VHDL Model of Serial Port Available; Evaluation Board
and MAFE Board Available
GENERAL PRODUCT DESCRIPTION
The AD1843 SoundComm™ Codec is a complete analog front
end for high performance DSP-based telephony and audio ap-
plications. The device integrates the real-world analog I/O re-
quirements for many popular functions thereby reducing size,
power consumption, and system complexity. The AD1843
SoundComm is the world’s first codec which can support four
different sample rates simultaneously, without any beat fre-
quency noise issues. This is essential for highly integrated audio/
modem/fax products since the sample rates associated with au-
dio are very much distinct from the sample rates associated with
telephony-oriented data communication. It is also the first codec
to offer on-chip digital phase lock loops for sample rate synchro-
nization to external clock signals. This sample rate flexibility is
enabled through Analog Devices’ Continuous Time Oversampling
(CTO) technology.
The main elements of the AD1843 are its extensive input and mix-
ing section, its two channels of sigma-delta (
∑∆) analog-to-digital
conversion, its four channels of
∑∆ digital-to-analog conversion, its
digital filters, and the clock and control circuitry for implementing
the device’s different modes. The AD1843 permits flexible sample-
rate selection through programming and external synchronization,
many input and output options, and many mixing options.
(continued on page 11)
SoundComm is a trademark of Analog Devices, Inc.
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
20 dB
4
3
GNDA
VCC
∑∆
ADC
GAM = GAIN
ATTENUATION
MUTE
GAM
GAM
FIFO
ADC
DAC1
DAC2
D
I
G
I
T
A
L
I
N
T
E
R
F
A
C
E
2
CONTROL
REGISTERS
LEFT AND
RIGHT CHANNELS
LEFT AND
RIGHT CHANNELS
GNDD
VDD
FILTL
CMOUT
VREF
FILTR
4
2
HPOUTR
HPOUTC
HPOUTL
LOUT1
2
MOUT
2
2
2
MIN
AUX3
AUX2
AUX1
MIC
LIN
3
SYNC
XTAL
CONV
BIT
CLKOUT
4
89
LOUT2
AAFILTL AAFILTR
1
SUM
RESET
PWRDWN
2
PDMNFT
MUTE
GAM
GAM
GAM
GAM
GAM
GAM
MUTE
MUTE
MUTE
ATTN
2
3
ATTN
MUTE
S
E
L
E
C
T
O
R
MUTE
SCLK
SDFS
SDI
SDO
BM
CS
TSO
TSI
XCTL [1:0]
µ/A
LAW
3
CLOCK GENERATION
ATTN
M
U
T
E
MUTE
DRIVER
µ/A
LAW
FIFO
µ/A
LAW
S
E
L
E
C
T
O
R
S
E
L
E
C
T
O
R
PGA
∑∆
DAC
∑
∑
∑
∑
∑
∑∆
DAC
MUTE
∑
∑
∑
M
U
T
E
ATTN
∑
VOLTAGE REFERENCE
AD1843


Similar Part No. - AD1843JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
Serial-Port 16-Bit SoundComm Codec
REV. 0
More results

Similar Description - AD1843JS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1845 AD-AD1845 Datasheet
333Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1848K AD-AD1848K Datasheet
320Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com