Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 45 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 45 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 41Page - Analog Devices AD1843JS Datasheet HTML 42Page - Analog Devices AD1843JS Datasheet HTML 43Page - Analog Devices AD1843JS Datasheet HTML 44Page - Analog Devices AD1843JS Datasheet HTML 45Page - Analog Devices AD1843JS Datasheet HTML 46Page - Analog Devices AD1843JS Datasheet HTML 47Page - Analog Devices AD1843JS Datasheet HTML 48Page - Analog Devices AD1843JS Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
AD1843
REV. 0
–45–
Address 24
Clock Generator 3 Control—Sample Phase Shift
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
res
res
res
res
res
res
res
C3PD
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
C3P7
C3P6
C3P5
C3P4
C3P3
C3P2
C3P1
C3P0
C3PD
Clock Generator 3 Phase Shift Direction. This bit controls the direction of sample clock phase shift.
0 = Phase Advance
1 = Phase Retard
C3P7:0
Clock Generator 3 Phase Shift Magnitude. These bits control the magnitude of sample clock phase shift. One LSB
represents exactly 0.12 degrees. LSBs are processed and decremented at a rate of 3.072 MHz (assuming a 24.576
MHz clock input on the XTALI pin). When this register is read, it indicates any phase advance/retard remaining to
be processed as of the beginning of slot 0 if bus master, or when TSI was received if bus slave. This register may be
overwritten even if all previously programmed phase advance/retard has not been processed. When written, the con-
tents of this register (just prior to the write) are transmitted during slot 1 of the following frame (as with all Control
Register writes).
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 0000 0000 0000 0000 (0000 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the G3EN bit in Control Register
Address 28 is reset to “0” (clock generator 3 disabled).
Address 25
Codec Configuration—Digital Filter and Mode Select
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
DRSFLT
DAMIX
res
res
res
res
DA2FLT
DA1FLT
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DAADR1
DAADR0
DAADL1
DAADL0
res
res
ADRFLT
ADLFLT
Restrictions: Modem filter should not be selected when channel sample rate is above 24 kHz.
DRSFLT
Digital Resampler Filter Mode. DAC2 is sacrificed so that the remaining four channels (left ADC, right ADC, left
and right DAC1) have sufficient resources to realize the more stringent resampling filter requirements. See below for
filter specifications. (Note: Digital resampling can be done without using the resampling filters but performance is not
as optimal.) This bit can be altered only if all channels (DAC1, DAC2, ADL, and ADR) are powered down. Note
that this bit enables the digital resampler filters, but does not enable the digital resampler data pathways. Use the
DAADR1:0 and DAADL1:0 bits to enable the resampler data pathways.
0 = Audio/Modem Filter Modes (Defined by DA1FLT, DA2FLT, ADLFLT and ADRFLT)
1 = Digital Resampler Filter Mode (DA1FLT, DA2FLT, ADLFLT and ADRFLT filter selections are ignored).
DAMIX
DAC Digital Mix Enable. When set to “1,” DAC1 and DAC2 are mixed at the output of the digital interpolation fil-
ter. Left and right channels are still separated, but DAC1 and DAC2 outputs are identical. This bit can be altered
only if both DAC1 and DAC2 are powered down.
0 = Digital Mix Disabled
1 = Digital Mix Enabled
DA2FLT
DAC2 (Left and Right Channels) Digital Filter Select and Analog Output Swing Select. Digital filter selected is over-
ridden when DRSFLT is set to “1.” See below for filter specifications. This bit can be altered only if DAC2
is powered down.
0 = Digital Audio Filter. Nominal analog swing is 2.000 V p-p when output level is +0.0 dB (see Control Register
Address 10).
1 = Digital Modem Filter. Nominal analog swing is 3.156 V p-p when output level is +4.5 dB (see Control Register
Address 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com