Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 19 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 15Page - Analog Devices AD1843JS Datasheet HTML 16Page - Analog Devices AD1843JS Datasheet HTML 17Page - Analog Devices AD1843JS Datasheet HTML 18Page - Analog Devices AD1843JS Datasheet HTML 19Page - Analog Devices AD1843JS Datasheet HTML 20Page - Analog Devices AD1843JS Datasheet HTML 21Page - Analog Devices AD1843JS Datasheet HTML 22Page - Analog Devices AD1843JS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
AD1843
REV. 0
–19–
Modem Data Access Arrangement (DAA) devices are generally
differential on the transmit side, and single-ended on the receive
side. The DAA transmit input (generally differential) should be
connected to the DAC2 output, pins LOUT2LP and LOUT2LN,
or LOUT2RP and LOUT2RN. The DAA receive output
(generally single-ended) should be connected to one of the
ADC line inputs, LINLP or LINRP. See the “APPLICATION
CIRCUITS” section below for more detail on the electrical
connections. There are several software driver steps that are re-
quired to configure the SoundComm codec for use as a modem
AFE.
Configure DAC2
1. Set the DA2FLT bit (Control Register Address 25, Bit 9) to
“1,” to select the digital modem filter mode. The DAC2 out-
puts can be used either as differential outputs or single-ended
outputs depending on how the pins are connected electrically;
no Control Register writes are required to configure the DAC2
outputs as either differential or single-ended.
2. Program LDA2G5:0 (Control Register Address 10, Bits 8
through 13) to “00 0101” (i.e., +4.5 dB) or RDA2G5:0
(Control Register 10, Bits 0 through 5) to “00 0101” (i.e.,
+4.5 dB), depending on whether the DAA transmit input is
connected to the left channel DAC2 output (use LDA2G5:0)
or the right channel DAC2 output (use RDA2G5:0). This
code establishes the DAC2 nominal analog output swing at
3.156 V p-p single-ended, or 6.312 V p-p differentially. The
3.156 V p-p level is equivalent to 3.17 dBm.
Configure ADC
1. Set the ADLFLT bit (Control Register Address 25, Bit 0) to
“1,” or the ADRFLT bit (Control Register Address 25, Bit 1)
to “1,” to select the digital modem filter mode. Set ADLFLT
if the DAA receive output is connected to the AD1843
LINLP input; set ADRFLT if the DAA receive output is
connected to the AD1843 LINRP input. Set the LINLSD bit
(Control Register Address 28, Bit 0) to “1” if the DAA is
connected to the AD1843 LINLP input; set the LINRSD bit
(Control Register Address 28, Bit 1) to “1” if the DAA is
connected to the AD1843 LINRP input.
2. Program LIG3:0 (Control Register Address 2, Bits 8 through
11) to “0000” (i.e., 0.0 dB) or RIG3:0 (Control Register
Address 2, Bits 0 through 3) to “0000” (i.e., 0.0 dB) de-
pending on whether the left or right ADC input channel is
being used for the modem function. This code maps an ana-
log input swing of 3.156 V p-p to the full dynamic range of
the 16-bit digital sample (i.e.,
±215). The 3.156 V p-p level is
equivalent to 3.17 dBm.
Note that if the AD1843 is to be reconfigured dynamically, the
affected converter must be powered down before its associated
digital filter can be changed. In other words, if the digital filter
for the ADC left channel is being changed from audio mode to
modem mode, the ADC left channel must be powered down
first (using the ADLEN bit in Control Register Address 27).
Use the ADREN bit in Control Register Address 27 for the
ADC right channel, the DAC1EN bit in Control Register
Address 27 for DAC1, and the DAC2EN bit in Control Regis-
ter Address 27 for DAC2.
Typical Configurations
Figure 6 below illustrates example connections between the
AD1843 SoundComm codec and other system resources. The
rich analog input and output connectivity of the AD1843 allows
a wide variety of configuration possibilities. Note that the level
of modem, speakerphone and external speaker concurrency is
application and DSP resource dependent.
SERIAL INTERFACE
The AD1843 SoundComm Codec transmits and receives both
data and control/status information through its serial port.
The AD1843 can be configured as either master or slave of the
serial interface. This is selected by using the BM pin. When
BM is tied HI, the AD1843 serves as bus master and supplies
the frame sync and the serial clock. When BM is tied LO, the
AD1843 serves as bus slave and receives the frame sync and the
serial clock. The level on BM should not be altered unless the
reset pin (RESET) is asserted.
The AD1843 has six pins devoted to the serial interface: SDI,
SDO, SCLK, SDFS, TSI and TSO. The SDI pin is for serial
data input to the AD1843 and the SDO pin is for serial data
output from the AD1843. The SCLK pin is the serial interface
clock. Communication in and out of the AD1843 requires bits
of data to be transmitted after a rising edge of SCLK, and
sampled on a falling edge of SCLK. When the AD1843 is bus
master (BM pin tied HI), the SCLK frequency driven by the
AD1843 will be 12.288 MHz by default, but this can be in-
creased to 16.384 MHz by setting the SCF bit in Control Regis-
ter 26. When the AD1843 is bus slave (BM pin tied LO), the
SCLK frequency driven to the AD1843 may be as high as
24.576 MHz, but must not be any higher than the frequency on
the XTALI pin.
The SDFS pin is for the serial interface frame sync. When bus
master, new frames are marked by a HI pulse driven out on
SDFS one serial clock period before the frame begins. When
bus slave, new frames must be marked by a LO to HI transition
driven in on SDFS one serial clock period before the frame be-
gins, but the transition back from HI to LO may occur at any
time provided the HI and LO times of SDFS are at least one
SCLK period in duration each.
When the AD1843 is bus master, frame size is controlled by the
FRS bit in Control Register 26. When FRS is set to “1,” each
frame is divided into 16 slots of 16 bits. When FRS is reset to
“0,” each frame is divided into 32 slots of 16 bits. In 32 slot
configuration, the second 16 slots of a frame must have slot as-
signments that are identical to the first 16 slots of the frame; 32
slot configuration is essentially 16 slot configuration with every
other SDFS pulse missing. Although these are the frame sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com