Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 44 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 44 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 40Page - Analog Devices AD1843JS Datasheet HTML 41Page - Analog Devices AD1843JS Datasheet HTML 42Page - Analog Devices AD1843JS Datasheet HTML 43Page - Analog Devices AD1843JS Datasheet HTML 44Page - Analog Devices AD1843JS Datasheet HTML 45Page - Analog Devices AD1843JS Datasheet HTML 46Page - Analog Devices AD1843JS Datasheet HTML 47Page - Analog Devices AD1843JS Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
REV. 0
–44–
AD1843
When in Video Lock Mode (C3REF and C3VID are both set to “1”):
Bits C3M7:0 select the Conversion clock rate. The most significant bit (C3M7) must be set to indicate the type of
video lock, either NTSC or PAL. For an NTSC lock, C3M7 must be reset to “0,” and the SYNC3 pin must
receive the NTSC sync frequency (525 lines/frame
× 30 Hz × 1000/1001 frame rate ≈ 15.734 kHz). For a PAL lock,
C3M7 must be set to “1,” and the SYNC3 pin must receive the PAL sync frequency (625 lines/frame
× 25 Hz frame
rate
≈ 15.625 kHz). The next three most significant bits (C3M6:4) select a desired base Conversion clock rate, and
the least significant four bits (C3M3:0) select a divisor. The Conversion clock created by Clock Generator 3 will be
the base divided by the divisor. The following tables list the possible choices for base and divisor.
NTSC
(C3M7 = “0”):
Base Frequency In Hz (C3M6:4)
48,000
32,000
44,100
44,100
× 2/3
48,000*
44,056
Divisor
(C3M3:0)
(000)
(001)
(010)
(011)
(100)
(101)
1
(0000)
Yes
Yes
Yes
Yes
Yes
Yes
2
(0001)
Yes
Yes
Yes
Yes
Yes
Yes
3
(0010)
Yes
No
Yes
No
Yes
Yes
4
(0011)
Yes
Yes
Yes
Yes
Yes
Yes
5
(0100)
Yes
Yes
Yes
Yes
Yes
Yes
6
(0101)
Yes
No
Yes
No
Yes
Yes
7
(0110)
No
No
Yes
No
Yes
Yes
8
(0111)
Yes
No
Yes
No
Yes
Yes
*When C3M6:4 = “100,” base frequency is 48,000 Hz only if NTSC sync rate is increased by 1001/1000, or is exactly 15.570 kHz.
PAL
(C3M7 = “1”):
Base Frequency In Hz (C3M6:4)
48,000
32,000
44,100
44,100
× 2/3
Divisor
(C3M3:0)
(000)
(001)
(010)
(011)
1
(0000)
Yes
Yes
Yes
Yes
2
(0001)
Yes
Yes
Yes
Yes
3
(0010)
Yes
No
Yes
No
4
(0011)
Yes
Yes
Yes
Yes
5
(0100)
Yes
Yes
Yes
Yes
6
(0101)
Yes
No
Yes
No
7
(0110)
Yes
No
Yes
No
8
(0111)
Yes
No
Yes
No
Initial default state after reset: 0000 0000 1111 1111 (00FF hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; or when the PWRDWN pin is asserted LO.
Address 23
Clock Generator 3 Control—Sample Rate
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
C3C15
C3C14
C3C13
C3C12
C3C11
C3C10
C3C9
C3C8
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
C3C7
C3C6
C3C5
C3C4
C3C3
C3C2
C3C1
C3C0
C3C15:0
Clock Generator 3 Conversion (Sample) Rate Select. Defines the conversion rate produced by Clock Generator 3
when not referenced to the SYNC3 pin (Control Register Address 22 Bit 15 [C3REF]). One LSB represents exactly
one Hertz, assuming a 24.576 MHz clock input on the XTALI pin. Usable range is 4 kHz (0x0FA0) to 54 kHz
(0xD2F0).
Initial default state after reset: 1011 1011 1000 0000 (BB80 hex), which is 48 kHz, assuming a 24.576 MHz clock in-
put on the XTALI pin. Cleared to default and cannot be written to when: the RESET pin is asserted LO; or when
the PWRDWN pin is asserted LO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com