Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 46 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 46 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 42Page - Analog Devices AD1843JS Datasheet HTML 43Page - Analog Devices AD1843JS Datasheet HTML 44Page - Analog Devices AD1843JS Datasheet HTML 45Page - Analog Devices AD1843JS Datasheet HTML 46Page - Analog Devices AD1843JS Datasheet HTML 47Page - Analog Devices AD1843JS Datasheet HTML 48Page - Analog Devices AD1843JS Datasheet HTML 49Page - Analog Devices AD1843JS Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
REV. 0
–46–
AD1843
DA1FLT
DAC1 (Left and Right Channels) Digital Filter Select. This bit is overridden when DRSFLT is set to “1.” See be-
low for filter specifications. This bit can be altered only if DAC1 is powered down. Unlike DA2FLT, this bit does
not control the analog output swing of DAC1, which is fixed at 2.000 V p-p when the output level is set to 0 dB by
Control Register Address 9.
0 = Digital Audio Filter
1 = Digital Modem Filter
DAADR1:0
Digital ADC Right Channel Source Select.
00 = Input from Analog: ADC Right Channel (Normal Operation)
01 = Reserved
10 = Input from Digital: DAC1 Right Channel (Digital Resampler)
11 = Input from Digital: DAC2 Right Channel (Digital Resampler)
DAADL1:0
Digital ADC Left Channel Source Select.
00 = Input from Analog: ADC Left Channel (Normal Operation)
01 = Reserved
10 = Input from Digital: DAC1 Left Channel (Digital Resampler)
11 = Input from Digital: DAC2 Left Channel (Digital Resampler)
ADRFLT
ADC Right Channel Digital Filter Select and Analog Input Full Scale Mapping Select. Digital filter selected is over-
ridden when DRSFLT is set to “1.” See below for filter specifications. This bit can be altered only if the ADC right
channel is powered down.
0 = Digital Audio Filter. 2.800 V p-p analog input maps to
±215 when gain is set to 0.0 dB (see Control Register
Address 2).
1 = Digital Modem Filter. 3.156 V p-p analog input maps to
±215 when gain is set to 0.0 dB (see Control Register
Address 2).
ADLFLT
ADC Left Channel Digital Filter Select and Analog Input Full Scale Mapping Select. Digital filter selected is over-
ridden when DRSFLT is set to “1.” See below for filter specifications. This bit can be altered only if the ADC left
channel is powered down.
0 = Digital Audio Filter. 2.800 V p-p analog input maps to
±215 when gain is set to 0.0 dB (see Control Register
Address 2).
1 = Digital Modem Filter. 3.156 V p-p analog input maps to
±215 when gain is set to 0.0 dB (see Control Register
Address 2).
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 0000 0000 0000 0000 (0000 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled).
The table below lists the single path (DAC or ADC only) filter characteristics of the “Audio,” “Modem,” and “Resampler” digital
filters. Passband ripple and group delay must be doubled if the DAC is routed back through the ADC for digital resampling. For
further information, see the “Filter Selection” section and the filter frequency response plots, Figures 34 through 36.
Passband
Stopband
Linear
Filter
Ripple
Edge
Ripple
Edge
Group Delay
Audio
–0.016 dB
0.400
× F
S
< –91.8 dB
0.600
× F
S
< 15/FS
Modem
–0.220 dB
0.442
× F
S
< –75.7 dB
0.542
× F
S
< 19/FS
Resampler
–0.035 dB
0.400
× F
S
< –92.2 dB
0.500
× F
S
< 25/FS
FS is the conversion (sample) rate.
Address 26
Codec Configuration—Serial Interface
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
DA2SM
DA1SM
res
res
DA2F1
DA2F0
DA1F1
DA1F0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
SCF
FRS
FRST
ADTLK
ADRF1
ADRF0
ADLF1
ADLF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com