Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 60 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 60 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 56Page - Analog Devices AD1843JS Datasheet HTML 57Page - Analog Devices AD1843JS Datasheet HTML 58Page - Analog Devices AD1843JS Datasheet HTML 59Page - Analog Devices AD1843JS Datasheet HTML 60Page - Analog Devices AD1843JS Datasheet HTML 61Page - Analog Devices AD1843JS Datasheet HTML 62Page - Analog Devices AD1843JS Datasheet HTML 63Page - Analog Devices AD1843JS Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
REV. 0
–60–
AD1843
kHz
0
–10
0
0.8
1.6
–40
–90
–100
–110
–20
–30
–80
–50
–60
–70
2.4
3.2
6.4
4.0
4.8
5.6
7.2
a. ADC Modem Full
kHz
0
–20
0
9.6
4.8
24.0
33.6
43.2
14.4 19.2
28.8
38.4
48.0 52.8
–80
–140
–160
–180
–40
–60
–120
–100
b. DAC Modem 0–57.6 kHz
kHz
–0.020
0.2
0.6
3.0
1.0
2.2
1.4
2.6
1.8
0.040
0.020
0.000
–0.040
–0.060
–0.080
–0.100
–0.120
–0.140
–0.160
–0.180
–0.200
–0.220
–0.240
c. ADC Modem Passband
kHz
0.040
0.000
–0.040
–0.080
–0.120
–0.160
–0.200
–0.240
0.080
0.2
0.6
3.0
1.0
2.2
1.4
2.6
1.8
d. DAC Modem Passband
Figure 37. AD1843 Modem Mode Frequency Response Plots (Full-Scale Line-Level Inputs, 0 dB Gain)
Based on 7.2 kHz sample rate; other sample rates will show slightly different behavior. See the
”Specifications” section for performance limits. The DAC plots do not reflect the additional beneficial
roll-off of the AD1843 analog filters. Out-of-band images will be attenuated by an additional 31.4 dB
at 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com