Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 29 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 25Page - Analog Devices AD1843JS Datasheet HTML 26Page - Analog Devices AD1843JS Datasheet HTML 27Page - Analog Devices AD1843JS Datasheet HTML 28Page - Analog Devices AD1843JS Datasheet HTML 29Page - Analog Devices AD1843JS Datasheet HTML 30Page - Analog Devices AD1843JS Datasheet HTML 31Page - Analog Devices AD1843JS Datasheet HTML 32Page - Analog Devices AD1843JS Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
AD1843
REV. 0
–29–
OVL1:0
ADC Left Overrange Detect. These bits record the largest output magnitude on the ADC left channel and are
cleared to “00” after any write to this register. The peak amplitude as recorded by these bits is “sticky,” i.e., the larg-
est output magnitude recorded by these bits will persist until these bits are explicitly cleared. They are also cleared by
powering down the ADC left channel (see the ADLEN bit in Control Register Address 27).
00 = Greater than –1.0 dB underrange
01 = Between –1.0 dB and 0 dB underrange
10 = Between 0 dB and 1 dB overrange
11 = Greater than 1.0 dB overrange
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 0000 0000 0000 0000 (0000 hex). Cleared to default when: the RESET pin is asserted
LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register Address 0 is set to “1” (all
conversions disabled).
Address 2
Input Control—ADC Source and Gain/Attenuation
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LSS2
LSS1
LSS0
LMGE
LIG3
LIG2
LIG1
LIG0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RSS2
RSS1
RSS0
RMGE
RIG3
RIG2
RIG1
RIG0
LSS2:0
Left ADC Source Select
000 = Left Line Input
001 = Left Mic Input
010 = Left Auxiliary 1 Input
011 = Left Auxiliary 2 Input
100 = Left Auxiliary 3 Input
101 = Mono Input
110 = Left DAC1 Output
111 = Left DAC2 Output
LMGE
Left ADC Microphone Gain Enable
0 = 0 dB Gain
1 = +20 dB Gain
LIG3:0
Left ADC Input Gain. Least significant bit represents +1.5 dB.
0000 = 0.0 dB Gain
1111 = +22.5 dB Gain
RSS2:0
Right ADC Source Select
000 = Right Line Input
001 = Right Mic Input
010 = Right Auxiliary 1 Input
011 = Right Auxiliary 2 Input
100 = Right Auxiliary 3 Input
101 = Mono Input
110 = Right DAC1 Output
111 = Right DAC2 Output
RMGE
Right ADC Microphone Gain Enable
0 = 0 dB Gain
1 = +20 dB Gain
RIG3:0
Right ADC Input Gain. Least significant bit represents +1.5 dB.
0000 = 0.0 dB Gain
1111 = +22.5 dB Gain
Initial Default State after Reset: 0000 0000 0000 0000 (0000 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register 0
is set to “1” (all conversions disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com