Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 42 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 42 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 38Page - Analog Devices AD1843JS Datasheet HTML 39Page - Analog Devices AD1843JS Datasheet HTML 40Page - Analog Devices AD1843JS Datasheet HTML 41Page - Analog Devices AD1843JS Datasheet HTML 42Page - Analog Devices AD1843JS Datasheet HTML 43Page - Analog Devices AD1843JS Datasheet HTML 44Page - Analog Devices AD1843JS Datasheet HTML 45Page - Analog Devices AD1843JS Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
REV. 0
–42–
AD1843
Address 20
Clock Generator 2 Control—Sample Rate
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
C2C15
C2C14
C2C13
C2C12
C2C11
C2C10
C2C9
C2C8
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
C2C7
C2C6
C2C5
C2C4
C2C3
C2C2
C2C1
C2C0
C2C15:0
Clock Generator 2 Conversion (Sample) Rate Select. Defines the conversion rate produced by Clock Generator 2 when
not referenced to the SYNC2 pin (Control Register Address 19 Bit 15 [C2REF]). One LSB represents exactly one Hertz,
assuming a 24.576 MHz clock input on the XTALI pin. Usable range is 4 kHz (0x0FA0) to 54 kHz (0xD2F0).
Initial default state after reset: 1011 1011 1000 0000 (BB80 hex), which is 48 kHz, assuming a 24.576 MHz clock in-
put on the XTALI pin. Cleared to default and cannot be written to when: the RESET pin is asserted LO; or when
the PWRDWN pin is asserted LO.
Address 21
Clock Generator 2 Control—Sample Phase Shift
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
res
res
res
res
res
res
res
C2PD
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
C2P7
C2P6
C2P5
C2P4
C2P3
C2P2
C2P1
C2P0
C2PD
Clock Generator 2 Phase Shift Direction. This bit controls the direction of sample clock phase shift.
0 = Phase Advance
1 = Phase Retard
C2P7:0
Clock Generator 2 Phase Shift Magnitude. These bits control the magnitude of sample clock phase shift. One LSB repre-
sents exactly 0.12 degrees. LSBs are processed and decremented at a rate of 3.072 MHz (assuming a 24.576 MHz clock
input on the XTALI pin). When this register is read, it indicates any phase advance/retard remaining to be processed as of
the beginning of slot 0 if bus master, or when TSI was received if bus slave. This register may be overwritten even if all pre-
viously programmed phase advance/retard has not been processed. When written, the contents of this register (just prior to
the write) are transmitted during slot 1 of the following frame (as with all Control Register writes).
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 0000 0000 0000 0000 (0000 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the G2EN bit in Control Register
Address 28 is reset to “0” (clock generator 2 disabled).
Address 22
Clock Generator 3 Control—Mode
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
C3REF
C3VID
C3PLLG
C3P200
C3X8/7
C3C128
res
res
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
C3M7
C3M6
C3M5
C3M4
C3M3
C3M2
C3M1
C3M0
C3REF
Clock Generator 3 Reference Select. Selects the fundamental clock reference used by Clock Generator 3 to synthe-
size its “Conversion” (sample) and “Bit” clock rates.
0 = Clocks are referenced to the input on pin XTALI (crystal or master clock input).
Sample clock frequency is defined by Control Register Address 23 and Bit C3X8/7.
Sample clock phase may be shifted by Control Register Address 24.
Bit clock frequency is defined by bits C3M7:0 and C3P200.
Bit C3VID is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com