Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 36 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 36 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 32Page - Analog Devices AD1843JS Datasheet HTML 33Page - Analog Devices AD1843JS Datasheet HTML 34Page - Analog Devices AD1843JS Datasheet HTML 35Page - Analog Devices AD1843JS Datasheet HTML 36Page - Analog Devices AD1843JS Datasheet HTML 37Page - Analog Devices AD1843JS Datasheet HTML 38Page - Analog Devices AD1843JS Datasheet HTML 39Page - Analog Devices AD1843JS Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
REV. 0
–36–
AD1843
Address 13
Digital Mix Control—ADC to DAC1
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LAD1MM
res
LAD1M5
LAD1M4
LAD1M3
LAD1M2
LAD1M1
LAD1M0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RAD1MM
res
RAD1M5
RAD1M4
RAD1M3
RAD1M2
RAD1M1
RAD1M0
Restrictions: ADC and DAC channel mixed must receive conversion rate from same Clock Generator. Serial interface must be run-
ning at a rate greater than or equal to the ADC/DAC conversion rate. For bus master: SDFS frequency
≥ ADC/DAC conversion rate. For
bus slave: TSI frequency
≥ ADC/DAC conversion rate.
LAD1MM
Digital Mix of Left ADC Output with Left DAC1 Input Mute.
0 = Mix Enabled
1 = Mix Muted
LAD1M5:0
Digital Mix of Left ADC Output with Left DAC1 Input Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111110 = –93.0 dB Attenuation
111111 = Full Mute
RAD1MM
Digital Mix of Right ADC Output with Right DAC1 Input Mute.
0 = Mix Enabled
1 = Mix Muted
RAD1M5:0
Digital Mix of Right ADC Output with Right DAC1 Input Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111110 = –93.0 dB Attenuation
111111 = Full Mute
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 1000 0000 1000 0000 (8080 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled).
Address 14
Digital Mix Control—ADC to DAC2
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LAD2MM
res
LAD2M5
LAD2M4
LAD2M3
LAD2M2
LAD2M1
LAD2M0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RAD2MM
res
RAD2M5
RAD2M4
RAD2M3
RAD2M2
RAD2M1
RAD2M0
Restrictions: ADC and DAC channel mixed must receive conversion rate from same Clock Generator. Serial interface must be run-
ning at a rate greater than or equal to the ADC/DAC conversion rate. For bus master: SDFS frequency
≥ ADC/DAC conversion rate. For
bus slave: TSI frequency
≥ ADC/DAC conversion rate.
LAD2MM
Digital Mix of Left ADC Output with Left DAC2 Input Mute.
0 = Mix Enabled
1 = Mix Muted
LAD2M5:0
Digital Mix of Left ADC Output with Left DAC2 Input Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111110 = –93.0 dB Attenuation
111111 = Full Mute
RAD2MM
Digital Mix of Right ADC Output with Right DAC2 Input Mute.
0 = Mix Enabled
1 = Mix Muted
RAD2M5:0
Digital Mix of Right ADC Output with Right DAC2 Input Attenuation Select. Least significant bit represents –1.5 dB.
000000 = +0.0 dB Attenuation
111110 = –93.0 dB Attenuation
111111 = Full Mute
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 1000 0000 1000 0000 (8080 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com