Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 54 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 54 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 50Page - Analog Devices AD1843JS Datasheet HTML 51Page - Analog Devices AD1843JS Datasheet HTML 52Page - Analog Devices AD1843JS Datasheet HTML 53Page - Analog Devices AD1843JS Datasheet HTML 54Page - Analog Devices AD1843JS Datasheet HTML 55Page - Analog Devices AD1843JS Datasheet HTML 56Page - Analog Devices AD1843JS Datasheet HTML 57Page - Analog Devices AD1843JS Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
REV. 0
–54–
AD1843
RESET = LO
PWRDWN = HI, RESET = HI
PWRDWN = LO
PWRDWN = HI
ACEN = 1
ACEN = 0
PDNI = 1 OR
PWRDWN = LO
PDNI = 1
PDNI = 0
CONVERSION
RESOURCES
POWER DOWN
INIT = 0
PDNO = 1
ALL DOWN
INIT = 1
PDNO =1
INITIALIZING
INIT = 1
PDNO = 1
TIME: 800µs?
AUTOCAL
INIT = 0
PDNO = 1
TIME: < 4ms
STBY
STBY
EN
STBY
EN
STBY
EN
EN
CONVERSION RESOURCES
POWERED UP
INIT = 0
PDNO = 0
ADCL
ADCR
DAC1
DAC2
CONVERSION RESOURCES
ENTERING POWER DOWN
INIT = 0
PDNO = 1
TIME: < 5ms
PWRDWN = LO
PDNI = 0
CONVERSION RESOURCES
EXITING POWER DOWN
INIT = 0
PDNO = 1
TIME: < 470ms
INTERFACE: DOWN
CLOCK GENERATORS: DOWN
CONVERSIONS: DOWN
INTERFACE: READS ONLY IF SLAVE,
DOWN IF MASTER
CLOCK GENERATORS: DOWN
CONVERSIONS: DOWN
INTERFACE: ALIVE
CLOCK GENERATORS: ENABLEABLE
(CONTROL REGISTER ADDRESS 28)
CONVERSIONS: DOWN
INTERFACE: ALIVE
CLOCK GENERATORS: ENABLEABLE
(CONTROL REGISTER ADDRESS 28)
CONVERSIONS: DOWN
INTERFACE: ALIVE
CLOCK GENERATORS: ENABLEABLE
(CONTROL REGISTER ADDRESS 28)
CONVERSIONS: ENABLEABLE
(CONTROL REGISTER ADDRESS 27)
NONE
NONE
16-24, 26, 28
POTENTIALLY ALL,
DEPENDING ON
ENABLED
RESOURCES
(SEE TEXT)
16-24, 26, 28
AD1843 STATE
ACTIVITY LEVEL
WRITABLE
REGISTERS
*
= STATE
= TRANSMISSION (WILL NOT BE INTERRUPTED ONCE STARTED UNLESS
RESET = LO)
*REGISTERS ARE ALWAYS READABLE, UNLESS RESET = LO
Figure 17. AD1843 Start-Up Sequence State Diagram
Control Register readback (on the following frame) matches
the data written. Writes to Control Register Address 27 will
fail unless the conversion resources are out of power down.
5. Power up the clock generators and enable clock output
pins. When the PDNI bit (Control Register Address 28, Bit
15) is reset to “0” in Step 4 above, the C3EN, C2EN,
C1EN, CONV[3:1], and BIT[3:1] bits, which are also lo-
cated in Control Register Address 28, may be set to “1” to
power up any clock generators which will be used, and to
enable any conversion clock and bit clock outputs needed.
While waiting for the conversion resources to enter standby,
it is convenient to write to the clock generator Control Regis-
ters (16 through 24) to select sample rates, bit clock frequen-
cies, external/internal sample rate lock mode, etc. This is
also a convenient time to write to Control Register Address
26 (if it was not already written in Step 3) to select the serial
interface configuration such as data format, SCLK fre-
quency, etc.
6. Configure conversion resources while they are in
standby. Once in standby, the conversion resources may be
configured. They are forced to their defaults whenever pow-
ered down. Control Register Address 2 may be written to se-
lect between ADC sources and gain levels. Control Register
Address 15 may be written to select the assignments of
sample clock sources to conversion resource. Control Regis-
ter Addresses 13 and 14 may be written to enable digital data
flow paths which mix ADC output back into the DAC input.
Control Register Address 25 may be written to select conver-
sion resource filter mode (audio, modem or resampler), and
to select digital data flow paths which may be used to achieve
digital-to-digital sample rate conversion and DAC-to-DAC
digital mixing. Note that, with the exception of filter mode
and DAC-to-DAC digital mixing, all of these configuration
selections may also be changed while a conversion resource is
out of standby and enabled.
7. Enable conversion resources. Conversion resources are
taken out of standby and enabled by writes to Control Regis-
ter Address 27. Control Register Address 27 contains indi-
vidual enable bits for the conversion resources which are
grouped as follows: DAC1 (stereo pair); DAC2 (stereo pair);
ADC left channel; ADC right channel; DAC2 to DAC1 mix;
and ADC input to DAC1 output mix.
If a DAC is enabled, it will begin requesting playback
samples on the next TDM frame (i.e., the DA2RQ and/or
the DA1RQ flags in the Status Register will be set to “1”).
Conversions will not actually begin until the first rising edge
of the conversion clock (assigned to the DAC) after the sixth
rising edge of the frame sync (SDFS) signal. This delay al-
lows the four word deep stereo FIFOs to be filled before con-
versions begin. (Six frames are required to fill a four word
deep FIFO because on the first frame, the DAC playback is
enabled; on the second frame, the DA2RQ and/or DA1RQ
flags are set to “1”; then four more frames are required to ac-
tually fill the FIFO.)
If an ADC is enabled, sampling of the analog input will be-
gin on the first rising edge of the conversion clock (assigned
to the ADC) after the sixth rising edge of the frame sync
(SDFS) signal. The data valid flags (ADRV and/or ADLV)
in the Status Word will be set to a “1,” indicating a sample is
being transmitted shortly thereafter. The exact TDM frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com