Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 41 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 41 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 37Page - Analog Devices AD1843JS Datasheet HTML 38Page - Analog Devices AD1843JS Datasheet HTML 39Page - Analog Devices AD1843JS Datasheet HTML 40Page - Analog Devices AD1843JS Datasheet HTML 41Page - Analog Devices AD1843JS Datasheet HTML 42Page - Analog Devices AD1843JS Datasheet HTML 43Page - Analog Devices AD1843JS Datasheet HTML 44Page - Analog Devices AD1843JS Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
AD1843
REV. 0
–41–
(C2M7:4) must be programmed to the Conversion clock rate established using Control Register Address 20 and the
C2X8/7 bit. If the actual Conversion clock differs from the value selected by C2M7:4, then the resultant Bit clock will
be different from the rate selected by the ratio of the C2M7:4 selected rate to the Control Register Address 20 plus
the C2X8/7 bit actual rate.
C2M3:0
Bit Clock Frequency*
C2M7:4
Conversion (Sample) Rate
0000
2,400
Hertz
0000
7,200
Hertz
0001
4,800
0001
8,400
0010
7,200
0010
9,000
0011
9,600
0011
9,600
0100
12,000
0100
11,200
0101
14,400
0101
12,000
0110
16,800
0110
12,800
0111
19,200
0111
7,200
× 8/7
1000
21,600
1000
9,000
× 8/7
1001
24,000
1001
9,600
× 8/7
1010
26,400
1010
12,000
× 8/7
1011
28,800
1011
Reserved
1100
Reserved
1100
Reserved
1101
Reserved
1101
Reserved
1110
Reserved
1110
Reserved
1111
See Below
1111
See Below
*Bit clock frequencies listed will be increased by 200 Hz if C2P200 is set to “1.”
When C2M7:4 is programmed to “1111” and C2M3:0 is programmed to “1111,” the Bit clock rate will be 128 times
the Conversion rate.
When in Video Lock Mode (C2REF and C2VID are both set to “1”):
Bits C2M7:0 select the Conversion clock rate. The most significant bit (C2M7) must be set to indicate the type of
video lock, either NTSC or PAL. For an NTSC lock, C2M7 must be reset to “0,” and the SYNC2 pin must receive
the NTSC sync frequency (525 lines/frame
× 30 Hz × 1000/1001 frame rate ≈ 15.734 kHz). For a PAL lock, C2M7
must be set to “1,” and the SYNC2 pin must receive the PAL sync frequency (625 lines/frame
× 25 Hz frame rate ≈
15.625 kHz). The next three most significant bits (C2M6:4) select a desired base Conversion clock rate, and the least
significant four bits (C2M3:0) select a divisor. The Conversion clock created by Clock Generator 2 will be the base
divided by the divisor. The following tables list the possible choices for base and divisor.
NTSC
(C2M7 = “0”):
Base Frequency In Hz (C2M6:4)
48,000
32,000
44,100
44,100
× 2/3
48,000*
44,056
Divisor
(C2M3:0)
(000)
(001)
(010)
(011)
(100)
(101)
1
(0000)
Yes
Yes
Yes
Yes
Yes
Yes
2
(0001)
Yes
Yes
Yes
Yes
Yes
Yes
3
(0010)
Yes
No
Yes
No
Yes
Yes
4
(0011)
Yes
Yes
Yes
Yes
Yes
Yes
5
(0100)
Yes
Yes
Yes
Yes
Yes
Yes
6
(0101)
Yes
No
Yes
No
Yes
Yes
7
(0110)
No
No
Yes
No
Yes
Yes
8
(0111)
Yes
No
Yes
No
Yes
Yes
*When C2M6:4 = “100,” base frequency is 48,000 Hz only if NTSC sync rate is increased by 1001/1000, or is exactly 15.750 kHz.
PAL
(C2M7 = “1”):
Base Frequency In Hz (C2M6:4)
48,000
32,000
44,100
44,100
× 2/3
Divisor
(C2M3:0)
(000)
(001)
(010)
(011)
1
(0000)
Yes
Yes
Yes
Yes
2
(0001)
Yes
Yes
Yes
Yes
3
(0010)
Yes
No
Yes
No
4
(0011)
Yes
Yes
Yes
Yes
5
(0100)
Yes
Yes
Yes
Yes
6
(0101)
Yes
No
Yes
No
7
(0110)
Yes
No
Yes
No
8
(0111)
Yes
No
Yes
No
Initial default state after reset: 0000 0000 1111 1111 (00FF hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; or when the PWRDWN pin is asserted LO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com