Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 9 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 5Page - Analog Devices AD1843JS Datasheet HTML 6Page - Analog Devices AD1843JS Datasheet HTML 7Page - Analog Devices AD1843JS Datasheet HTML 8Page - Analog Devices AD1843JS Datasheet HTML 9Page - Analog Devices AD1843JS Datasheet HTML 10Page - Analog Devices AD1843JS Datasheet HTML 11Page - Analog Devices AD1843JS Datasheet HTML 12Page - Analog Devices AD1843JS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
AD1843
REV. 0
–9–
Analog Signals
Pin Name
PQFP
TQFP
I/O
Description
LINLP
28
35
I
Line Input Left Channel Positive Differential Signal.
LINLN
29
36
I
Line Input Left Channel Negative Differential Signal.
LINRP
26
33
I
Line Input Right Channel Positive Differential Signal.
LINRN
27
34
I
Line Input Right Channel Negative Differential Signal.
MICL
18
21
I
Microphone Input Left Channel. Microphone input for the left channel. This
signal can be either line level or –20 dB from line level.
MICR
17
22
I
Microphone Input Right Channel. Microphone input for the right channel.
This signal can be either line level or –20 dB from line level.
AUX1L
16
20
I
Auxiliary #1 Left Channel Line Input.
AUX1R
15
19
I
Auxiliary #1 Right Channel Line Input.
AUX2L
14
18
I
Auxiliary #2 Left Channel Line Input.
AUX2R
13
17
I
Auxiliary #2 Right Channel Line Input.
AUX3L
12
16
I
Auxiliary #3 Left Channel Line Input.
AUX3R
11
15
I
Auxiliary #3 Right Channel Line Input.
MIN
19
23
I
Monaural (Mono) Line Input.
MOUT
35
44
O
Monaural (Mono) Line Output.
LOUT1L
36
45
O
Line Output #1 Left Channel.
LOUT1R
34
43
O
Line Output #1 Right Channel.
HPOUTL
47
58
O
Headphone Output Left Channel.
HPOUTC
46
57
Headphone Common Return.
HPOUTR
45
56
O
Headphone Output Right Channel.
LOUT2LP
32
40
O
Line Output #2 Left Channel Positive Differential Signal.
LOUT2LN
33
41
O
Line Output #2 Left Channel Negative Differential Signal.
LOUT2RP
30
38
O
Line Output #2 Right Channel Positive Differential Signal.
LOUT2RN
31
39
O
Line Output #2 Right Channel Negative Differential Signal.
SUML
43
54
I
Mixer Line Input Left Channel.
SUMR
42
53
I
Mixer Line Input Right Channel.
Clocks
Pin Name
PQFP
TQFP
I/O
Description
CLKOUT
76
95
O
Clock Output. This signal is a buffered version of XTALO (with a duty cycle
restored to at least 60%/40%), the crystal clock output. This pin is enabled by
default but can be three-stated by programming a bit in Control Register
Address 28. The CLKOUT frequency is 24.576 MHz.
SYNC[3:1]
57, 56, 55
71, 70, 69
I
Sync Inputs. These SYNC signals are used as the clock source inputs to three
receptive PLLs in the AD1843. These pins accept a clock at, or at a multiple of,
the desired sample rate for A-to-D and D-to-A conversions. These inputs are
ignored if a sample rate is programmed directly, but should never be left floating.
CONV[3:1]
75, 71, 67
94, 89, 84
O
Conversion Clock Outputs. These output clocks have an average period equal to (or 128
times) the internal sample rates of the AD1843. These clock outputs are three-stated
by default but can be enabled by programming bits in Control Register Address 28.
BIT[3:1]
74, 70, 66
92, 87, 82
O
Bit Clock Outputs. These output clocks can be individually programmed to
multiples of the sample rates. Support for V.34 or V.32 bit rates is available.
These clock outputs are three-stated by default but can be enabled by
programming bits in Control Register Address 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com