Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 57 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 57 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 53Page - Analog Devices AD1843JS Datasheet HTML 54Page - Analog Devices AD1843JS Datasheet HTML 55Page - Analog Devices AD1843JS Datasheet HTML 56Page - Analog Devices AD1843JS Datasheet HTML 57Page - Analog Devices AD1843JS Datasheet HTML 58Page - Analog Devices AD1843JS Datasheet HTML 59Page - Analog Devices AD1843JS Datasheet HTML 60Page - Analog Devices AD1843JS Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
AD1843
REV. 0
–57–
MOUT
CMBUF
10k
10k
1/2
OP279
16
OPTIONAL
TO PC
SPEAKER
470µF
Figure 26. AD1843 Mono Output Circuit
Figure 27 illustrates reference bypassing. VREF should only be
connected to its bypass capacitors. The 10
µF capacitor should
be tantalum, and the 0.1
µF capacitor should be ceramic. Figure
27 shows an optional voltage follower buffer on the CMOUT
signal. The output of this buffer, CMBUF, can be used in any
circuit which needs the common-mode bias point from the
AD1843’s on-chip voltage reference. The AD820 is a JFET in-
put op amp whose very high impedance inputs present essen-
tially no load on the CMOUT output from the AD1843.
VREF
10µF
0.1µF
CMOUT
10µF
0.1µF
CMBUF
1/2
AD820
OPTIONAL BUFFER
Figure 27. AD1843 Voltage Reference Bypassing
Figure 28 illustrates the signal-path filtering capacitors, FILTL
and FILTR, connections to analog ground. The 1.0
µF capaci-
tors required by the AD1843 can be of any type.
1.0µF
FILTL
1.0µF
FILTR
Figure 28. AD1843 External Filter Capacitor Connections
Figure 29 illustrates the antialias filtering capacitors, AAFILTL
and AAFILTR, connections to analog ground. The 1000 pF
capacitors must be NPO types.
1000pF
NPO
AAFILTL
AAFILTR
1000pF
NPO
Figure 29. AD1843 Antialias Filter Capacitor Connections
The 24.576 MHz crystal shown in the crystal connection cir-
cuitry of Figure 30 should be fundamental-mode and parallel-
tuned. Note that using the exact data sheet frequency is not
required and that external clock sources can be used in place of
the AD1843’s internal oscillator. If using an external clock
source, apply it to the crystal input pin (XTALI) while leaving
the crystal output pin (XTALO) unconnected. Attention
24.576 MHz
XTALI
XTALO
20–64pF
20–64pF
Figure 30. AD1843 Crystal Connections
should be paid to providing a low-jitter external input clock.
Ideally, there should be no greater than 5 ns rms of random
(white) phase jitter to ensure that it does not significantly de-
grade the SNR of the AD1843.
Figure 31 and Figure 32 show example circuits for a Data
Access Arrangement (DAA). These circuits are shown as
examples only; DAA circuits are subject to regulatory approval
since they connect directly to the Public Switched Telephone
Network (PSTN).
220
Ω
SSI 73M9001
TXA
TXA/
MONSUM
TIP
RING
OH/
RLY2/
AG0
AG1
POWER/
RXA
SPK
SPK/
TRAN1
TRAN2
RI/
REOUT1
REOUT2
VCCA
VCCD
AGND
DGND
23
22
15
29
2
8
7
14
17
18
LO
HI
LO
6
21
12
11
1
30
19
9
13
16
10
20
+5VA
VCC
56k
TO AD1843
XCTL0
RING
INDICATION
TO HOST
INTERRUPT
1
2
3
4
5
6
J1
RJ11
SINGLE
PHONE
COIL
220µF
TO
AD1843 LINLP
TO
AD1843 MIN
LOUT2LN
LOUT2LP
VCC
FROM AD1843
COIL
Figure 31. Silicon Systems DAA Example Circuit
Figure 32. Cermetek DAA Example Circuit
XMIT+
XMIT–
RCV
OFFHK
RT
TIP
RING
VCC
GND
CERMETEK
CH1837
DAA
C3 100nF
C2 100nF
C1 100nF
LOUT2LP
LOUT2LN
LINLP
XCTL0
8
6
5
3
4
U3B
4
3
SN74HC14
U3A
2
1
SN74HC14
AD1843
C4 100nF
DVDD
9
1
2
EARTH
GROUND
VR1
MOV
VR3
MOV
VR2
MOV
F1
CURRENT
LIMIT
F2
CURRENT
LIMIT
C6, 1nF
1.5kV
C5, 1nF
1.5kV
RING (RED)
TIP (GREEN)
6
5
4
3
2
1
J1
RJ-11 JACK
U3D
8
9
SN74HC14
U3C
6
5
SN74HC14
DVDD
R1
100k
IRQ
TO DSP OR HOST
CPU INTERRUPT
+C7
4.7µF TANT
(OPTIONAL)
NOTES:
1. VR1,2,3. OVER VOLTAGE AND LIGHTNING PROTECTION
MOV SIDACTORS. AVAILABLE AS A SINGLE UNIT FROM
TECCOR, PART NUMBER P3203AB OR P3203AA.
2. C5,6. EMI/RFI SUPPRESSION. HIGH VOLTAGE DISK
CERAMIC CAPACITORS, 1nF 1.5kV.
3. F1,2. CURRENT LIMITING DEVICES. RAYCHEM POLY FUSE,
PART NUMBER TB600-45; LITTLE FUSE TYPE 251.250 OR
BUSSMAN TYPE MCR1/4. FOR NON UL APPLICATIONS,
A 10 OHM, 1/8W CARBON FILM RESISTOR MAY BE USED.
4. L1,2. EMI/RFI SUPPRESSION. FERRITE BEADS, FAIR-RITE
PART NUMBER 2643666611 OR 2943666661.
5. J1. FCC APPROVED RJ-11 JACK. REF FCC PUBLIC NOTICE #42269
L1
INDUCTOR
L2
INDUCTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com