Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 43 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 43 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 39Page - Analog Devices AD1843JS Datasheet HTML 40Page - Analog Devices AD1843JS Datasheet HTML 41Page - Analog Devices AD1843JS Datasheet HTML 42Page - Analog Devices AD1843JS Datasheet HTML 43Page - Analog Devices AD1843JS Datasheet HTML 44Page - Analog Devices AD1843JS Datasheet HTML 45Page - Analog Devices AD1843JS Datasheet HTML 46Page - Analog Devices AD1843JS Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
AD1843
REV. 0
–43–
1 = Clocks are referenced to the input on pin SYNC3 (Sync 3 Clock Input).
Sample clock frequency is defined by C3VID and C3M7:0.
Sample clock phase is locked to SYNC3 and cannot be shifted.
Bit clock frequency is defined by bits C3M7:0 and C3P200 unless in Video Lock Mode
(C3VID set to “1”) where the Bit clocks are not produced.
Control Register Addresses 23, 24 and the C3X8/7 bits are ignored.
C3VID
Clock Generator 3 Video Lock Mode. This bit is used to select between lock modes when the Clock Generator 3 is
referenced to SYNC3 (C3REF set to “1”). This bit should be reset to “0” if C3REF is reset to “0.” When reset to
“0,” Clock Generator 3 is in normal lock mode where the Conversion clock will be frequency and phase locked to
SYNC3, and the Bit clock frequency is chosen using bits C3M7:0 and C3P200. When set to “1,” Clock Generator 3
is in video lock mode, where the Conversion clock frequency is selected using bits C3M7:0, and a Bit clock is not produced.
C3PLLG
Clock Generator 3 PLL Loop Gain Select. If reset to “0,” this bit selects finite PLL loop gain, and if set to “1,” this
bit selects infinite PLL loop gain. This bit should nominally be reset to “0.” Setting it to “1” may enhance the PLL’s
ability to lock to certain SYNC3 inputs, but it may also increase conversion noise.
C3P200
Clock Generator 3 Bit Clock +200 Frequency Modifier. When set to “1,” the Bit clock driven out of pin BIT3 will
have a frequency that is 200 Hertz greater than the frequency selected through bit C3M7:0. This bit is ignored when
in Video Lock Mode (C3VID set to “1”). C3P200 only modifies the bit clock driven on the BIT3 pin.
C3X8/7
Clock Generator 3 Conversion Clock 8/7 Frequency Modifier. When set to “1,” the Conversion clock frequency gen-
erated will be 8/7 times the value programmed in Control Register Address 23. This bit is ignored when clocks are
referenced to SYNC3 (C3REF set to “1”).
C3C128
Clock Generator 3 Conversion Clock Pin (CONV3) Frequency Select. When set to “1,” the frequency driven on to
the CONV3 pin will be 128 times the conversion rate. When reset to “0,” the frequency driven on to the CONV3 pin
will be the same as the conversion rate. C3C128 only modifies the clock frequency driven on the CONV3 pin.
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
C3M7:0
Clock Generator 3 Clock Rate Modifiers.
When not in Video Lock Mode (C3REF and C3VID are not both set to “1”):
Bits C3M7:0 select the Bit clock rate which will be driven out on pin BIT3. Using the following table, the least sig-
nificant four bits (C3M3:0) are programmed to the desired Bit clock rate, and the most significant four bits
(C3M7:4) must be programmed to the Conversion clock rate established using Control Register Address 23 and the
C3X8/7 bit. If the actual Conversion clock differs from the value selected by C3M7:4, then the resultant Bit clock
will be different from the rate selected by the ratio of the C3M7:4 selected rate to the Control Register Address 23
plus the C3X8/7 bit actual rate.
C3M3:0
Bit Clock Frequency*
C3M7:4
Conversion (Sample) Rate
0000
2,400
Hertz
0000
7,200
Hertz
0001
4,800
0001
8,400
0010
7,200
0010
9,000
0011
9,600
0011
9,600
0100
12,000
0100
11,200
0101
14,400
0101
12,000
0110
16,800
0110
12,800
0111
19,200
0111
7,200
× 8/7
1000
21,600
1000
9,000
× 8/7
1001
24,000
1001
9,600
× 8/7
1010
26,400
1010
12,000
× 8/7
1011
28,800
1011
Reserved
1100
Reserved
1100
Reserved
1101
Reserved
1101
Reserved
1110
Reserved
1110
Reserved
1111
See Below
1111
See Below
*Bit clock frequencies listed will be increased by 200 Hz if C3P200 is set to “1.”
When C3M7:4 is programmed to “1111” and C3M3:0 is programmed to “1111,” the Bit clock rate will be 128 times
the Conversion rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com