Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 24 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 20Page - Analog Devices AD1843JS Datasheet HTML 21Page - Analog Devices AD1843JS Datasheet HTML 22Page - Analog Devices AD1843JS Datasheet HTML 23Page - Analog Devices AD1843JS Datasheet HTML 24Page - Analog Devices AD1843JS Datasheet HTML 25Page - Analog Devices AD1843JS Datasheet HTML 26Page - Analog Devices AD1843JS Datasheet HTML 27Page - Analog Devices AD1843JS Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
REV. 0
–24–
AD1843
SERIAL INTERFACE OUTPUT
Status Word Output (Slot 0 or 16)
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
res
res
res
res
res
res
ADRV
ADLV
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
res
res
res
res
res
res
DA2RQ
DA1RQ
ADRV
Right ADC Channel Output Valid Flag. Set to “1” if slot 3 (or 19) contains valid right ADC capture data.
ADLV
Left ADC Channel Output Valid Flag. Set to “1” if slot 2 (or 18) contains valid left ADC capture data.
DA2RQ
DAC2 Input Request Flag. Set to “1” if DAC2 is enabled and its four word stereo input buffer is not full.
DA1RQ
DAC1 Input Request Flag. Set to “1” if DAC1 is enabled and its four word stereo input buffer is not full.
res
Reserved for future expansion. Read back as “0.” Should be ignored to ensure future compatibility.
Control Register Data Output (Slots 1 or 17)
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Contents of Control Register addressed in previous frame.
ADC Left Sample Output (Slots 2 or 18)
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Data format may be 8-bit unsigned linear PCM, 16-bit signed linear PCM, 8-bit
µ-Law companded, or 8-bit A-Law companded.
MSB is first. DATA7:0 are ignored in 8-bit linear or 8-bit companded modes.
ADC Right Sample Output (Slots 3 or 19)
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
DATA15
DATA14
DATA13
DATA12
DATA11
DATA10
DATA9
DATA8
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
Data format may be 8-bit unsigned linear PCM, 16-bit signed linear PCM, 8-bit
µ-Law companded, or 8-bit A-Law companded.
MSB is first. DATA7:0 are ignored in 8-bit linear or 8-bit companded modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com