Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 27 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 23Page - Analog Devices AD1843JS Datasheet HTML 24Page - Analog Devices AD1843JS Datasheet HTML 25Page - Analog Devices AD1843JS Datasheet HTML 26Page - Analog Devices AD1843JS Datasheet HTML 27Page - Analog Devices AD1843JS Datasheet HTML 28Page - Analog Devices AD1843JS Datasheet HTML 29Page - Analog Devices AD1843JS Datasheet HTML 30Page - Analog Devices AD1843JS Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
AD1843
REV. 0
–27–
8
9
GNDD
VDD
S
E
L
E
C
T
O
R
2
LEFT
RIGHT
LEFT
RIGHT
3
VCC
ADC
µ/A
LAW
D
I
G
I
T
A
L
I
N
T
E
R
F
A
C
E
CONTROL AND STATUS REGISTERS
CRA0, CRA1, CRA25, CRA26,
CRA27, CRA28
RESET
PWRDWN
∑
∑
MUTE
ATTN
∑
∑
MUTE
∑
∑
∑
∑
FIFO
S
E
L
E
C
T
O
R
µ/A
LAW
SCLK
SDFS
SDI
SDO
BM
CS
TSO
TSI
XCTL [1:0]
PDMNFT
CLOCK GENERATION
CLKOUT
XTALI
XTALO SYNC3 SYNC2 SYNC1 CONV3 CONV2 CONV1
BIT3
BIT2
BIT1
CRA15, CRA16, CRA17, CRA18, CRA19,
CRA20, CRA21, CRA22, CRA23, CRA24
AD1843
CRAX = CONTROL REGISTER ADDRESS “X”
CRA25
CRA25
CRA25
CRA25
CRA12
CRA11
ATTN
MUTE
CRA13
ATTN
MUTE
CRA14
CRA26
CRA26
DAC1
DAC2
CRA26
µ/A
LAW
FIFO
ATTN
Address
Register Description
16
Clock Generator 1 Control—Mode
17
Clock Generator 1 Control—Sample Rate
18
Clock Generator 1 Control—Sample Phase Shift
19
Clock Generator 2 Control—Mode
20
Clock Generator 2 Control—Sample Rate
21
Clock Generator 2 Control—Sample Phase Shift
22
Clock Generator 3 Control—Mode
23
Clock Generator 3 Control—Sample Rate
24
Clock Generator 3 Control—Sample Phase Shift
25
Codec Configuration—Digital Filter and Mode Select
26
Codec Configuration—Serial Interface
27
Codec Configuration—Channel Power Down
28
Codec Configuration—Fundamental Settings
29
Reserved for Future Expansion
30
Reserved for Future Expansion
31
Reserved for Future Expansion
Figure 13. AD1843 Control Registers Associated with Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com