Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 47 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 47 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 43Page - Micron Technology JS28F256P33BFE Datasheet HTML 44Page - Micron Technology JS28F256P33BFE Datasheet HTML 45Page - Micron Technology JS28F256P33BFE Datasheet HTML 46Page - Micron Technology JS28F256P33BFE Datasheet HTML 47Page - Micron Technology JS28F256P33BFE Datasheet HTML 48Page - Micron Technology JS28F256P33BFE Datasheet HTML 49Page - Micron Technology JS28F256P33BFE Datasheet HTML 50Page - Micron Technology JS28F256P33BFE Datasheet HTML 51Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Datasheet
Aug 2009
47
Order Number:320003-08
P33-65nm
14.2
DC Voltage Characteristics
IPPBC
VPP Blank Check
0.05
0.10
0.05
0.10
mA
VPP = VPPL, erase in progress
3
0.05
0.10
0.05
0.10
VPP = VPPH, erase in progress
Notes:
1.
All currents are RMS unless noted. Typical values at typical VCC, TC = +25 °C.
2.
ICCS is the average current measured over any 5 ms time interval 5 µs after CE# is deasserted.
3.
Sampled, not 100% tested.
4.
ICCES is specified with the device deselected. If device is read while in erase suspend, current is ICCES plus ICCR.
5.
ICCW, ICCE measured over typical or max times specified in Section 15.5, “Program and Erase
Characteristics” on page 58.
6.
if VIN > VCC the input load current increases to 10uA max.
7.
the IPPS,IPPWS,IPPES Will increase to 200uA when VPP/WP# is at VPPH.
Table 20: DC Voltage Characteristics
Sym
Parameter
CMOS Inputs
(VCCQ = 2.3 V – 3.6 V)
TTL Inputs (1)
(VCCQ = 2.4 V – 3.6 V)
Unit
Test Conditions
Notes
Min
Max
Min
Max
VIL
Input Low Voltage
-0.5
0.4
-0.5
0.6
V
2
VIH
Input High Voltage
VCCQ – 0.4
VCCQ + 0.5
2.0
VCCQ + 0.5
V
VOL
Output Low Voltage
-
0.2
-
0.2
V
VCC = VCC Min
VCCQ = VCCQ Min
IOL = 100 µA
-
VOH
Output High Voltage
VCCQ – 0.2
-
VCCQ – 0.2
-
V
VCC = VCC Min
VCCQ = VCCQ Min
IOH = –100 µA
-
VPPLK
VPP Lock-Out Voltage
-
0.4
-
0.4
V
3
VLKO
VCC Lock Voltage
1.5
-
1.5
-
V
-
VLKOQ
VCCQ Lock Voltage
0.9
-
0.9
-
V
-
VPPL
VPP Voltage Supply
(Logic Level)
1.5
3.6
1.5
3.6
V
VPPH
Buffered Enhanced
Factory Programming
VPP
8.5
9.5
8.5
9.5
V
Notes:
1.
Synchronous read mode is not supported with TTL inputs.
2.
VIL can undershoot to –1.0 V for duration of 2ns or less and VIH can overshoot to VCCQ + 1.0 V for durations of 2ns or
less.
3.
VPP ≤ VPPLK inhibits erase and program operations. Do not use VPPL and VPPH outside their valid ranges.
Table 19: DC Current Characteristics (Sheet 2 of 2)
Sym
Parameter
CMOS
Inputs
(VCCQ =
2.3 V - 3.6
V)
TTL Inputs
(VCCQ =
2.4 V - 3.6
V)
Unit
Test Conditions
Notes
Typ
Max
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com