Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 77 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 77 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 73Page - Micron Technology JS28F256P33BFE Datasheet HTML 74Page - Micron Technology JS28F256P33BFE Datasheet HTML 75Page - Micron Technology JS28F256P33BFE Datasheet HTML 76Page - Micron Technology JS28F256P33BFE Datasheet HTML 77Page - Micron Technology JS28F256P33BFE Datasheet HTML 78Page - Micron Technology JS28F256P33BFE Datasheet HTML 79Page - Micron Technology JS28F256P33BFE Datasheet HTML 80Page - Micron Technology JS28F256P33BFE Datasheet HTML 81Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
Datasheet
Aug 2009
77
Order Number:320003-08
P33-65nm
Figure 36: Block Lock Operations Flowchart
No
Start
Write 60h
Block Address
Write 90h
Read Block Lock
Status
Locking
Change?
Lock Change
Complete
Write 01,D0,2Fh
Block Address
Write FFh
Any Address
Yes
Write
Write
Write
(Optional)
Read
(Optional)
Standby
(Optional)
Write
Lock
Setup
Lock,
Unlock, or
Lockdown
Confirm
Read ID
Plane
Block Lock
Status
Read
Array
Data = 60h
Addr = Block to lock/unlock/lock-down (BA)
Data = 01h (Lock block)
D0h (Unlock block)
2Fh (Lockdown block)
Addr = Block to lock/unlock/lock-down (BA)
Data = 90h
Addr = Block address offset+2 (BA+2)
Block Lock status data
Addr = Block address offset+2 (BA+2)
Confirm locking change on DQ1, DQ0.
(See Block Locking State Transitions Table
for valid combinations.)
Data = FFh
Addr = Block address (BA)
Bus
Operation
Command
Comments
LOCKING OPERATIONS PROCEDURE
LOCK_OP.WMF
Lock
Confirm
Lock
Setup
Read ID Plane
Read
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com