Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 60 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 60 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 56Page - Micron Technology JS28F256P33BFE Datasheet HTML 57Page - Micron Technology JS28F256P33BFE Datasheet HTML 58Page - Micron Technology JS28F256P33BFE Datasheet HTML 59Page - Micron Technology JS28F256P33BFE Datasheet HTML 60Page - Micron Technology JS28F256P33BFE Datasheet HTML 61Page - Micron Technology JS28F256P33BFE Datasheet HTML 62Page - Micron Technology JS28F256P33BFE Datasheet HTML 63Page - Micron Technology JS28F256P33BFE Datasheet HTML 64Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
60
Order Number: 320003-08
16.2
SCSP Products
Note:
The “B” parameter is used for Top(Die1)/Bot(Die2) stack option in the 512-Mbit density.
Figure 29: Decoder for SCSP Devices
Product Designator
48F = Numonyx™ Flash Memory Only
Package Designator
RC = 64- Ball Easy BGA, leaded
PC = 64- Ball Easy BGA, lead- free
Device Density
0 = No die
4 = 256-Mbit
Product Family
P = Numonyx™ StrataFlash
® Embedded Memory (P33)
0 = No die
Device Details
E = 65nm lithography
Parameter Location
B = Bottom Parameter
T = Top Parameter
F 4 4
P 0
B 0
8
C 4
P
0
E
0
T
Ballout Descriptor
0 = Discrete ballout
I/ O Voltage, CE # Configuration
X = Individual Chip Enable (s)
T = Virtual Chip Enable(s)
VCC = 2. 3 to 3.6 V
VCCQ = 2. 3to 3. 6 V
Table 27: Valid Combinations for Dual- Die Products
512-Mbit*
RC48F4400P0TB0E
PC48F4400P0TB0E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com