Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 74 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 74 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 70Page - Micron Technology JS28F256P33BFE Datasheet HTML 71Page - Micron Technology JS28F256P33BFE Datasheet HTML 72Page - Micron Technology JS28F256P33BFE Datasheet HTML 73Page - Micron Technology JS28F256P33BFE Datasheet HTML 74Page - Micron Technology JS28F256P33BFE Datasheet HTML 75Page - Micron Technology JS28F256P33BFE Datasheet HTML 76Page - Micron Technology JS28F256P33BFE Datasheet HTML 77Page - Micron Technology JS28F256P33BFE Datasheet HTML 78Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
74
Order Number: 320003-08
Figure 33: Buffer Program Flowchart
Start
Get Next
Target Address
Issue Write to Buffer
Command E8h and
Block Address
Read Status Register
Block Address
(note 7)
Is WSM Ready?
SR. 7=
1 = Yes
Device
Supports Buffer
Writes?
Set Timeout or
Loop Counter
Timeout
or Count
Expired?
Write Confirm D0h
and Block Address
Another Buffered
Programming?
Yes
No
No
Write Buffer Data
Start Address
X =0
Yes
0 = No
No
Yes
Use Single Word
Programming
Abort Bufferred
Program?
No
X =N?
Write Buffer Data
Block Address
X = X + 1
Write to another
Block Address
Buffered Program
Aborted
No
Yes
Yes
Write Word Count
Block Address
Notes:
1. Word count values on DQ 0-DQ15 are loaded into the Count
register. Count ranges for this device are N=0000h to 00FFh.
2. The device outputs the status register when read.
3. Write Buffer contents will be programmed at the device start
address or destination flash address .
4. Align the start address on a Write Buffer boundary for maximum
programming performance (i.e., A8-A1 of the start address =0).
5. The device aborts the Buffered Program command if the
current address is outside the original block address .
6. The Status register indicates an “improper command
Sequence” if the Buffered Program command is aborted. Follow
this with a Clear Status Register command .
7. The device default state is to output SR data after the Buffered
Programming Setup Command (E8h).CE# and OE low drive the
device to update Status Register . It is not allowed to issue 70h to
read SR data after E8h command otherwise 70h would be
counted as Word count.
8. Full status check can be done after all erase and write
sequences complete . Write FFh after the last operation to reset
the device to read array mode.
.
.
.
Bus
Operation
Standby
Read
Command
Write
Write to
Buffer
Read
(Note 7)
Standby
Comments
Check SR.7
1 = WSM Ready
0 = WSM Busy
Status register Data
CE # and OE# low updates SR
Addr = Block Address
Data =E8H
Addr = Block Address
SR. 7 = Valid
Addr = Block Address
Check SR.7
1 = Device WSM is Busy
0 = Device WSM is Ready
Write
Program
Confirm
Data =D0H
Addr = Block Address
Write
( Notes1, 2)
Data =N- 1 = Word Count
N = 0 corresponds to count=1
Addr = Block Address
Write
( Notes3, 4)
Data = Write Buffer Data
Addr = Start Address
Write
( Notes5, 6)
Data = Write Buffer Data
Addr = Block Address
Suspend
Program
Loop
Read Status Register
SR. 7=?
Full Status
Check if Desired
Program Complete
Suspend
Program
1
0
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com