Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 66 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 66 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 62Page - Micron Technology JS28F256P33BFE Datasheet HTML 63Page - Micron Technology JS28F256P33BFE Datasheet HTML 64Page - Micron Technology JS28F256P33BFE Datasheet HTML 65Page - Micron Technology JS28F256P33BFE Datasheet HTML 66Page - Micron Technology JS28F256P33BFE Datasheet HTML 67Page - Micron Technology JS28F256P33BFE Datasheet HTML 68Page - Micron Technology JS28F256P33BFE Datasheet HTML 69Page - Micron Technology JS28F256P33BFE Datasheet HTML 70Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
66
Order Number: 320003-08
Table 35: OTP Register Information
Offset(1) Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add. Code Value
(P+E)h
1
118:
--02
2
(P+F)h
4
Protection Field 1: Protection Description
119:
--80
80h
(P+10)h
This field describes user-available One Time Programmable
11A:
--00
00h
(P+11)h
(OTP) Protection register bytes. Some are pre-programmed
11B:
--03
8 byte
(P+12)h
11C:
--03
8 byte
(P+13)h
10
Protection Field 2: Protection Description
11D:
--89
89h
(P+14)h
11E:
--00
00h
(P+15)h
11F:
--00
00h
(P+16)h
120:
--00
00h
(P+17)h
121:
--00
0
(P+18)h
bits 40–47 = “n” such that n = factory pgm'd groups (high byte)
122:
--00
0
(P+19)h
123:
--00
0
(P+1A)h
124:
--10
16
(P+1B)h
125:
--00
0
(P+1C)h
126:
--04
16
bits 48–55 = “n” \ 2n = factory programmable bytes/group
bits 56–63 = “n” such that n = user pgm'd groups (low byte)
bits 64–71 = “n” such that n = user pgm'd groups (high byte)
bits 72–79 = “n” such that 2n = user programmable bytes/group
w ith device-unique serial numbers. Others are user
programmable. Bits 0–15 point to the Protection register Lock
byte, the section’s first byte. The follow ing bytes are factory
pre-programmed and user-programmable.
bits 0–7 = Lock/bytes Jedec-plane physical low address
bits 8–15 = Lock/bytes Jedec-plane physical high address
bits 16–23 = “n” such that 2n = factory pre-programmed bytes
bits 24–31 = “n” such that 2n = user programmable bytes
Bits 0–31 point to the Protection register physical Lock-w ord
address in the Jedec-plane.
Follow ing bytes are factory or user-programmable.
bits 32–39 = “n” such that n = factory pgm'd groups (low byte)
Number of Protection register fields in JEDEC ID space.
“00h,” indicates that 256 protection fields are available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com