Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 89 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 89 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 82Page - Micron Technology JS28F256P33BFE Datasheet HTML 83Page - Micron Technology JS28F256P33BFE Datasheet HTML 84Page - Micron Technology JS28F256P33BFE Datasheet HTML 85Page - Micron Technology JS28F256P33BFE Datasheet HTML 86Page - Micron Technology JS28F256P33BFE Datasheet HTML 87Page - Micron Technology JS28F256P33BFE Datasheet HTML 88Page - Micron Technology JS28F256P33BFE Datasheet HTML 89Page - Micron Technology JS28F256P33BFE Datasheet HTML 90Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
Datasheet
Aug 2009
89
Order Number:320003-08
P33-65nm
Appendix C Revision History
Date
Revision Description
May 2008
01
Initial release
June 2008
02
Corrected SCSP order information
July 2008
03
Added W28 AC specification;
Fixed Buffered Program Command error in figure 38;
Updated block locking state diagram;
Updated Address range in Memory Map figure;
Changed LSB Address from A0 to A1 in figure7 under dual die configurations section;
Changed LSB Address in ballout and pinout description from A0 back to A1 to match P33 130nm.
Sep 2008
04
Updated AxcellTM trademark;
Remove 64M related content;
Nov 2008
05
Update the Buffer program flowchart to reflect the read status register;
minor wording modification;
Return to StrataFlash;
Update the buffer program comments for cross 512-Word boundary;
Remove 128M related contents from this document;
Correct A24 to A25 for virtual CE description in section 1.3;
Remove Numonyx Confidential;
Dec 2008
06
Correct Page buffer address bits to Four on
Section 7.1, “Asynchronous Page-Mode
Read” on page 21.
Correct VHH to VPPH on Table 19, “DC Current Characteristics” on page 46 note.
Apr 2009
07
Add 512 Mbit (256/256) memory map in
Figure 1, “P33-65nm Memory Map” on
page 7
Correct RCR.4, RCR.5, RCR.7 and RCR.9 definitions in
Table 11, “Read Configuration
Register Description” on page 34
Correct A0 to A1 signal naming and remove invalid x8 information in Table 29, “Example of
Query Structure Output of x16 Devices” on page 62
Aug 2009
08
Update the Block lock Operations, Program Suspend/Resume, Erase Suspend/Resume flowcharts in
Figure 36, Figure 37, Figure 37, backward compatible with 130nm.
Align the sequence error description in
Table 11.
Add TSOP 40Mhz Burst Spec, fCLK, tCLK, tCHQV, tCHTV.
Add note 7 in buffer program flowchart
Figure 33.
Update VIL undershoot and overshoot of Note 2 in Table 20.
Update CFI 0x2A data in
Section A.1, “Common Flash Interface” .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com