Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 15 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 15 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 11Page - Micron Technology JS28F256P33BFE Datasheet HTML 12Page - Micron Technology JS28F256P33BFE Datasheet HTML 13Page - Micron Technology JS28F256P33BFE Datasheet HTML 14Page - Micron Technology JS28F256P33BFE Datasheet HTML 15Page - Micron Technology JS28F256P33BFE Datasheet HTML 16Page - Micron Technology JS28F256P33BFE Datasheet HTML 17Page - Micron Technology JS28F256P33BFE Datasheet HTML 18Page - Micron Technology JS28F256P33BFE Datasheet HTML 19Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Datasheet
Aug 2009
15
Order Number:320003-08
P33-65nm
5.0
Bus Operations
CE# low and RST# high enable device read operations. The device internally decodes
upper address inputs to determine the accessed block. ADV# low opens the internal
address latches. OE# low activates the outputs and gates selected data onto the I/O
bus.
In asynchronous mode, the address is latched when ADV# goes high or continuously
flows through if ADV# is held low. In synchronous mode, the address is latched by the
first of either the rising ADV# edge or the next valid CLK edge with ADV# low (WE#
and RST# must be VIH; CE# must be VIL).
Bus cycles to/from the P33-65nm device conform to standard microprocessor bus
operations. Table 5, “Bus Operations Summary”summarizes the bus operations and the
logic levels that must be applied to the device control signal inputs.
5.1
Read
To perform a read operation, RST# and WE# must be deasserted while CE# and OE#
are asserted. CE# is the device-select control. When asserted, it enables the flash
memory device. OE# is the data-output control. When asserted, the addressed flash
memory data is driven onto the I/O bus.
5.2
Write
To perform a write operation, both CE# and WE# are asserted while RST# and OE# are
deasserted. During a write operation, address and data are latched on the rising edge
of WE# or CE#, whichever occurs first. Table 7, “Command Bus Cycles” on page 19
shows the bus cycle sequence for each of the supported device commands, while
Table 6, “Command Codes and Definitions” on page 17 describes each command. See
Section 15.0, “AC Characteristics” on page 48 for signal-timing details.
Note:
Write operations with invalid VCC and/or VPP voltages can produce spurious results and
should not be attempted.
5.3
Output Disable
When OE# is deasserted, device outputs DQ[15:0] are disabled and placed in a high-
impedance (High-Z) state, WAIT is also placed in High-Z.
Table 5:
Bus Operations Summary
Bus Operation
RST#
CLK
ADV#
CE#
OE#
WE#
WAIT
DQ[15:0]
Notes
Read
Asynchronous
VIH
XL
L
L
H
Deasserted
Output
Synchronous
VIH
Running
L
L
L
H
Driven
Output
Write
VIH
X
L
L
H
L
High-Z
Input
1
Output Disable
VIH
X
X
L
H
H
High-Z
High-Z
2
Standby
VIH
X
X
H
X
X
High-Z
High-Z
2
Reset
VIL
X
X
X
X
X
High-Z
High-Z
2,3
Notes:
1.
Refer to the
Table 7, “Command Bus Cycles” on page 19 for valid DQ[15:0] during a write
operation.
2.
X = Don’t Care (H or L).
3.
RST# must be at VSS ± 0.2 V to meet the maximum specified power-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com