Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 49 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 49 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 45Page - Micron Technology JS28F256P33BFE Datasheet HTML 46Page - Micron Technology JS28F256P33BFE Datasheet HTML 47Page - Micron Technology JS28F256P33BFE Datasheet HTML 48Page - Micron Technology JS28F256P33BFE Datasheet HTML 49Page - Micron Technology JS28F256P33BFE Datasheet HTML 50Page - Micron Technology JS28F256P33BFE Datasheet HTML 51Page - Micron Technology JS28F256P33BFE Datasheet HTML 52Page - Micron Technology JS28F256P33BFE Datasheet HTML 53Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Datasheet
Aug 2009
49
Order Number:320003-08
P33-65nm
15.2
Capacitance
15.3
AC Read Specifications
Table 22: Capacitance
Symbol
Parameter
Signals
Min
Typ
Max
Unit
Condition
Note
CIN
Input Capacitance
Address, Data,
CE#, WE#, OE#,
RST#, CLK,
ADV#, WP#
26
7
pF
Typ temp = 25 °C,
Max temp = 85 °C,
VCC = (0 V - 3.6 V),
VCCQ = (0 V - 3.6 V),
Discrete silicon die
1,2,3
COUT
Output Capacitance
Data, WAIT
2
4
5
pF
Notes:
1.
Capacitance values are for a single die; for dual die, the capacitance values are doubled.
2.
Sampled, not 100% tested.
3.
Silicon die capacitance only, add 1 pF for discrete packages.
Table 23: AC Read Specifications - (Sheet 1 of 3)
Num
Symbol
Parameter
Min
Max
Unit
Notes
Asynchronous Specifications
R1
tAVAV
Read cycle time
Easy BGA
95
-
ns
-
TSOP
105
ns
-
R2
tAVQV
Address to output valid
Easy BGA
-
95
ns
-
TSOP
105
ns
-
R3
tELQV
CE# low to output valid
Easy BGA
-
95
ns
-
TSOP
105
ns
-
R4
tGLQV
OE# low to output valid
-
25
ns
1,2
R5
tPHQV
RST# high to output valid
-
150
ns
1
R6
tELQX
CE# low to output in low-Z
0
-
ns
1,3
R7
tGLQX
OE# low to output in low-Z
0
-
ns
1,2,3
R8
tEHQZ
CE# high to output in high-Z
-
20
ns
1,3
R9
tGHQZ
OE# high to output in high-Z
-
15
ns
R10
tOH
Output hold from first occurring address, CE#, or OE#
change
0-
ns
R11
tEHEL
CE# pulse width high
17
-
ns
1
R12
tELTV
CE# low to WAIT valid
-
17
ns
R13
tEHTZ
CE# high to WAIT high-Z
-
20
ns
1,3
R15
tGLTV
OE# low to WAIT valid
-
17
ns
1
R16
tGLTX
OE# low to WAIT in low-Z
0
-
ns
1,3
R17
tGHTZ
OE# high to WAIT in high-Z
-
20
ns
Latching Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com