Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 67 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 67 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 63Page - Micron Technology JS28F256P33BFE Datasheet HTML 64Page - Micron Technology JS28F256P33BFE Datasheet HTML 65Page - Micron Technology JS28F256P33BFE Datasheet HTML 66Page - Micron Technology JS28F256P33BFE Datasheet HTML 67Page - Micron Technology JS28F256P33BFE Datasheet HTML 68Page - Micron Technology JS28F256P33BFE Datasheet HTML 69Page - Micron Technology JS28F256P33BFE Datasheet HTML 70Page - Micron Technology JS28F256P33BFE Datasheet HTML 71Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
Datasheet
Aug 2009
67
Order Number:320003-08
P33-65nm
Table 36: Partition and Erase Block Region Information
Figure 30: Burst Read Information
Offset(1) Length
Description
Hex
P = 10Ah
(Optional flash features and commands)
Add. Code
Value
(P+1D)h
1
127:
--05
32 byte
(P+1E)h
1
128:
--04
4
(P+1F)h
1
129:
--01
4
(P+20)h
1
Synchronous mode read capability configuration 2
12A:
--02
8
(P+21)h
1
Synchronous mode read capability configuration 3
12B:
--03
16
(P+22)h
1
Synchronous mode read capability configuration 4
12C:
--07
Cont
Page Mode Read capability
bits 0–7 = “n” such that 2n HEX value represents the number of
read-page bytes. See offset 28h for device w ord w idth to
determine page-mode data output w idth. 00h indicates no
read page buffer.
Synchronous mode read capability configuration 1
Bits 3–7 = Reserved
Bits 0–2 “n” such that 2n+1 HEX value represents the maximum number of
continuous synchronous reads w hen the device is configured for its maximum
w ord w idth. A value of 07h indicates that the device is capable of continuous
linear bursts that w ill output data until the internal burst counter reaches the end
of the device’s burstable address space. This field’s 3-bit value can be w ritten
directly to the Read Configuration Register bits 0–2 if the device is configured
for its maximum w ord w idth. See offset 28h for w ord w idth to determine the
burst data output w idth.
Number of synchronous mode read configuration fields that follow . 00h
indicates no burst capability.
Offset(1)
See table below
P = 10Ah
Description
Address
Bottom
Top
(Optional flash features and commands)
Len
Bot
Top
(P+23)h (P+23)h
1
12D:
12D:
Number of device hardw are-partition regions w ithin the device.
x = 0: a single hardw are partition device (no fields follow ).
x specifies the number of device partition regions containing
one or more contiguous erase block regions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com