Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 25 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 25 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 21Page - Micron Technology JS28F256P33BFE Datasheet HTML 22Page - Micron Technology JS28F256P33BFE Datasheet HTML 23Page - Micron Technology JS28F256P33BFE Datasheet HTML 24Page - Micron Technology JS28F256P33BFE Datasheet HTML 25Page - Micron Technology JS28F256P33BFE Datasheet HTML 26Page - Micron Technology JS28F256P33BFE Datasheet HTML 27Page - Micron Technology JS28F256P33BFE Datasheet HTML 28Page - Micron Technology JS28F256P33BFE Datasheet HTML 29Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
Datasheet
Aug 2009
25
Order Number:320003-08
P33-65nm
With adequate continuity testing, programming equipment can rely on the WSM’s
internal verification to ensure that the device has programmed properly. This eliminates
the external post-program verification and its associated overhead.
8.3.1
BEFP Requirements and Considerations
BEFP requirements:
• Case temperature: TC = 30 °C ± 10 °C
•Nominal VCC
•VPP driven to VPPH
• Target block must be unlocked before issuing the BEFP Setup and Confirm
commands
• The first-word address for the block to be programmed must be held constant from
the setup phase through all data streaming into the target block, until transition to
the exit phase is desired.
• The first-word address must align with the start of an array buffer boundary. Word
buffer boundaries in the array are determined by A[8:0] (0x000 through 01FF); the
alignment start point is A[8:0] = 0x000.
BEFP considerations:
• For optimum performance, cycling must be limited below 50 erase cycles per block.
Some degradation in performance may occur is this limit is exceeded, but the
internal algorithm continues to work properly.
• BEFP programs one block at a time; all buffer data must fall within a single block. If
the internal address counter increments beyond the block’s maximum address,
addressing wraps around to the beginning of the block.
• BEFP cannot be suspended
• Programming to the flash memory array can occur only when the buffer is full. If
the number of words is less than 512, remaining locations must be filled with
0xFFFF.
8.3.2
BEFP Setup Phase
After receiving the BEFP Setup and Confirm command sequence, Status Register bit
SR.7 (Ready) is cleared, indicating that the WSM is busy with BEFP algorithm startup. A
delay before checking SR.7 is required to allow the WSM enough time to perform all of
its setups and checks (Block-Lock status, VPP level, etc.). If an error is detected, SR.4
is set and BEFP operation terminates. If the block was found to be locked, SR.1 is also
set. SR.3 is set if the error occurred due to an incorrect VPP level.
Note:
Reading from the device after the BEFP Setup and Confirm command sequence outputs
Status Register data. Do not issue the Read Status Register command; it will be
interpreted as data to be loaded into the buffer.
8.3.3
BEFP Program/Verify Phase
After the BEFP Setup Phase has completed, the host programming system must check
SR[7,0] to determine the availability of the write buffer for data streaming. SR.7
cleared indicates the device is busy and the BEFP program/verify phase is activated.
SR.0 indicates the write buffer is available.
Two basic sequences repeat in this phase: loading of the write buffer, followed by buffer
data programming to the array. For BEFP, the count value for buffer loading is always
the maximum buffer size of 512 words. During the buffer-loading sequence, data is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com