Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 58 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 58 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 54Page - Micron Technology JS28F256P33BFE Datasheet HTML 55Page - Micron Technology JS28F256P33BFE Datasheet HTML 56Page - Micron Technology JS28F256P33BFE Datasheet HTML 57Page - Micron Technology JS28F256P33BFE Datasheet HTML 58Page - Micron Technology JS28F256P33BFE Datasheet HTML 59Page - Micron Technology JS28F256P33BFE Datasheet HTML 60Page - Micron Technology JS28F256P33BFE Datasheet HTML 61Page - Micron Technology JS28F256P33BFE Datasheet HTML 62Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
58
Order Number: 320003-08
15.5
Program and Erase Characteristics
Table 25: Program and Erase Specifications
Num
Symbol
Parameter
VPPL
VPPH
Unit
Note
Min
Typ
Max
Min
Typ
Max
Conventional Word Programming
W200
tPROG/W
Program
Time
Single word
-
150
456
-
150
456
µs
1
Buffered Programming
W250
tPROG
Program
Time
Aligned 32-Wd, BP time
(32 Words)
-
176
716
-
176
716
µs
1
Aligned 64-Wd, BP time
(64 Word)
-
216
900
-
216
900
Aligned 128-Wd, BP time
(128 Words)
-
272
1140
-
272
1140
Aligned 256-Wd, BP time
(256 Words)
-
396
1690
-
396
1690
one full buffer (512
Words)
-
700
3016
-
700
3016
Buffered Enhanced Factory Programming
W451
tBEFP/B
Program
Single byte
n/a
n/a
n/a
-
0.5
-
µs
1,2
W452
tBEFP/Setup
BEFP Setup
n/a
n/a
n/a
5
-
-
1
Erase and Suspend
W500
tERS/PB
Erase Time
32-KByte Parameter
-
0.8
4.0
-
0.8
4.0
s
1
W501
tERS/MB
128-KByte Main
-
0.8
4.0
-
0.8
4.0
W600
tSUSP/P
Suspend
Latency
Program suspend
-
20
25
-
20
25
µs
W601
tSUSP/E
Erase suspend
-
20
25
-
20
25
W602
tERS/SUSP
Erase to Suspend
-
500
-
-
500
-
1,3
blank check
W702
tBC/MB
blank check
Main Array Block
-
3.2
-
-
3.2
-
ms
Notes:
1.
Typical values measured at TC = +25 °C and nominal voltages. Performance numbers are valid for all speed versions.
Excludes system overhead. Sampled, but not 100% tested.
2.
Averaged over entire device.
3.
W602 is the typical time between an initial block erase or erase resume command and the a subsequent erase suspend
command. Violating the specification repeatedly during any particular block erase may cause erase failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com