Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 19 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 19 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 15Page - Micron Technology JS28F256P33BFE Datasheet HTML 16Page - Micron Technology JS28F256P33BFE Datasheet HTML 17Page - Micron Technology JS28F256P33BFE Datasheet HTML 18Page - Micron Technology JS28F256P33BFE Datasheet HTML 19Page - Micron Technology JS28F256P33BFE Datasheet HTML 20Page - Micron Technology JS28F256P33BFE Datasheet HTML 21Page - Micron Technology JS28F256P33BFE Datasheet HTML 22Page - Micron Technology JS28F256P33BFE Datasheet HTML 23Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Datasheet
Aug 2009
19
Order Number:320003-08
P33-65nm
Table 7:
Command Bus Cycles (Sheet 1 of 2)
Mode
Command
Bus
Cycles
First Bus Cycle
Second Bus Cycle
Oper
Addr(1)
Data(2)
Oper
Addr(1)
Data(2)
Read
Read Array
1
Write
DnA
0xFF
-
-
-
Read Device
Identifier
≥ 2
Write
DnA
0x90
Read
DBA + IA
ID
Read CFI
≥ 2Write
DnA
0x98
Read
DBA + CFI-A
CFI-D
Read Status Register
2
Write
DnA
0x70
Read
DnA
SRD
Clear Status Register
1
Write
DnA
0x50
-
-
-
Program
Word Program
2
Write
WA
0x40
Write
WA
WD
Buffered Program(3)
> 2Write
WA
0xE8
Write
WA
N - 1
Buffered Enhanced
Factory Program
(BEFP)(4)
> 2
Write
WA
0x80
Write
WA
0xD0
Erase
Block Erase
2
Write
BA
0x20
Write
BA
0xD0
Suspend
Program/Erase
Suspend
1Write
DnA
0xB0
-
-
-
Program/Erase
Resume
1Write
DnA
0xD0
-
-
-
Protection
Lock Block
2
Write
BA
0x60
Write
BA
0x01
Unlock Block
2
Write
BA
0x60
Write
BA
0xD0
Lock-down Block
2
Write
BA
0x60
Write
BA
0x2F
Program OTP register
2
Write
PRA
0xC0
Write
OTP-RA
OTP-D
Program Lock
Register
2
Write
LRA
0xC0
Write
LRA
LRD
Configuration
Program Read
Configuration
Register
2
Write
RCD
0x60
Write
RCD
0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com