Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 40 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 40 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 36Page - Micron Technology JS28F256P33BFE Datasheet HTML 37Page - Micron Technology JS28F256P33BFE Datasheet HTML 38Page - Micron Technology JS28F256P33BFE Datasheet HTML 39Page - Micron Technology JS28F256P33BFE Datasheet HTML 40Page - Micron Technology JS28F256P33BFE Datasheet HTML 41Page - Micron Technology JS28F256P33BFE Datasheet HTML 42Page - Micron Technology JS28F256P33BFE Datasheet HTML 43Page - Micron Technology JS28F256P33BFE Datasheet HTML 44Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
40
Order Number: 320003-08
11.1.8
Clock Edge
The Clock Edge (CE) bit selects either a rising (default) or falling clock edge for CLK.
This clock edge is used at the start of a burst cycle, to output synchronous data, and to
assert/deassert WAIT.
11.1.9
Burst Wrap
The Burst Wrap (BW) bit determines whether 4, 8, or 16-word burst length accesses
wrap within the selected word-length boundaries or cross word-length boundaries.
When BW is set, burst wrapping does not occur (default). When BW is cleared, burst
wrapping occurs.
11.1.10
Burst Length
The Burst Length bits (BL[2:0]) selects the linear burst length for all synchronous burst
reads of the flash memory array. The burst lengths are 4-word, 8-word, 16-word, and
continuous word.
Continuous burst accesses are linear only, and do not wrap within any word length
boundaries (see Table 15, “Burst Sequence Word Ordering” on page 39). When a burst
cycle begins, the device outputs synchronous burst data until it reaches the end of the
“burstable” address space.
11.2
One-Time Programmable (OTP) Registers
The device contains 17 one-time programmable (OTP) registers that can be used to
implement system security measures and/or device identification. Each OTP register
can be individually locked.
The first 128-bit OTP Register is comprised of two 64-bit (8-word) segments. The lower
64-bit segment is pre-programmed at the Numonyx factory with a unique 64-bit
number. The other 64-bit segment, as well as the other sixteen 128-bit OTP Registers,
are blank. Users can program these registers as needed. Once programmed, users can
then lock the OTP Register(s) to prevent additional bit programming (see Figure 12,
“OTP Register Map” on page 41).
0
1
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4…14-15
0-1-2-3-4-5-6-…
1
1
1-2-3-4
1-2-3-4-5-6-7-8
1-2-3-4-5…15-16
1-2-3-4-5-6-7-…
2
1
2-3-4-5
2-3-4-5-6-7-8-9
2-3-4-5-6…16-17
2-3-4-5-6-7-8-…
3
1
3-4-5-6
3-4-5-6-7-8-9-10
3-4-5-6-7…17-18
3-4-5-6-7-8-9-…
41
4-5-6-7-8-9-10-11
4-5-6-7-8…18-19
4-5-6-7-8-9-10…
51
5-6-7-8-9-10-11-12
5-6-7-8-9…19-20
5-6-7-8-9-10-11…
61
6-7-8-9-10-11-12-13
6-7-8-9-10…20-21
6-7-8-9-10-11-12-…
71
7-8-9-10-11-12-13-14
7-8-9-10-11…21-22
7-8-9-10-11-12-13…
14
1
14-15-16-17-18…28-29
14-15-16-17-18-19-20-
…
15
1
15-16-17-18-19…29-30
15-16-17-18-19-20-21-
…
Table 15: Burst Sequence Word Ordering (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com