Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 34 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 34 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 30Page - Micron Technology JS28F256P33BFE Datasheet HTML 31Page - Micron Technology JS28F256P33BFE Datasheet HTML 32Page - Micron Technology JS28F256P33BFE Datasheet HTML 33Page - Micron Technology JS28F256P33BFE Datasheet HTML 34Page - Micron Technology JS28F256P33BFE Datasheet HTML 35Page - Micron Technology JS28F256P33BFE Datasheet HTML 36Page - Micron Technology JS28F256P33BFE Datasheet HTML 37Page - Micron Technology JS28F256P33BFE Datasheet HTML 38Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
34
Order Number: 320003-08
11.0.1
Clear Status Register
The Clear Status Register command clears the status register. It functions independent
of VPP. The WSM sets and clears SR[7,6,2], but it sets bits SR[5:3,1] without clearing
them. The Status Register should be cleared before starting a command sequence to
avoid any ambiguity. A device reset also clears the Status Register.
11.1
Read Configuration Register
The RCR is used to select the read mode (synchronous or asynchronous), and it defines
the synchronous burst characteristics of the device. To modify RCR settings, use the
Configure Read Configuration Register command (see Section 6.2, “Device Command
Bus Cycles” on page 18).
RCR contents can be examined using the Read Device Identifier command, and then
reading from offset 0x05 (see Section 7.3, “Read Device Identifier” on page 22).
The RCR is shown in Table 11. The following sections describe each RCR bit.
Table 11: Read Configuration Register Description (Sheet 1 of 2)
Read Configuration Register (RCR)
Read
Mode
Latency Count
WAIT
Polarity
RES
WAIT
Delay
Burst
Seq
CLK
Edge
RES
RES
Burst
Wrap
Burst Length
RM
LC[3:0]
WP
R
WD
BS
CE
R
R
BW
BL[2:0]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
Name
Description
15
Read Mode (RM)
0 = Synchronous burst-mode read
1 = Asynchronous page-mode read (default)
14:11
Latency Count (LC[3:0])
0010 =Code 2
0011 =Code 3
0100 =Code 4
0101 =Code 5
0110 =Code 6
0111 =Code 7
1000 =Code 8
1001 =Code 9
1010 =Code 10
1011 =Code 11
1100 =Code 12
1101 =Code 13
1110 =Code 14
1111 =Code 15 (default)
(Other bit settings are reserved)
10
WAIT Polarity (WP)
0 =WAIT signal is active low (default)
1 =WAIT signal is active high
9
Reserved (R)
Default “0”, Non-changeable
8WAIT Delay (WD)
0 =WAIT deasserted with valid data
1 =WAIT deasserted one data cycle before valid data (default)
7
Burst Sequence (BS)
Default “0”, Non-changeable
6
Clock Edge (CE)
0 = Falling edge
1 = Rising edge (default)
5:4
Reserved (R)
Default “0”, Non-changeable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com