Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 78 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 78 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 74Page - Micron Technology JS28F256P33BFE Datasheet HTML 75Page - Micron Technology JS28F256P33BFE Datasheet HTML 76Page - Micron Technology JS28F256P33BFE Datasheet HTML 77Page - Micron Technology JS28F256P33BFE Datasheet HTML 78Page - Micron Technology JS28F256P33BFE Datasheet HTML 79Page - Micron Technology JS28F256P33BFE Datasheet HTML 80Page - Micron Technology JS28F256P33BFE Datasheet HTML 81Page - Micron Technology JS28F256P33BFE Datasheet HTML 82Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
78
Order Number: 320003-08
Figure 37: Erase Suspend/Resume Flowchart
Erase
Completed
Read Array
Data
0
0
No
Read
1
Program
Program
Loop
Read Array
Data
1
Yes
Start
Read Status
Register
SR.7 =
SR.6 =
Erase
Resumed
Read or
Program ?
Done?
Write
Write
Standby
Standby
Write
Erase
Suspend
Read Array
or Program
Program
Resume
Data = B0h
Addr = Same partition address as
above
Data = FFh or 40h
Addr = Block to program or read
Check SR.7
1 = WSM ready
0 = WSM busy
Check SR.6
1 = Erase suspended
0 = Erase completed
Data = D0h
Addr = Any address
Bus
Operation
Command
Comments
Read
Status register data. Toggle CE# or
OE # to update Status register
Addr =X
Read or
Write
Read array or program data from/to
block other than the one being erased
ERASE SUSPEND / RESUME PROCEDURE
ERAS_SUS.WMF
Write B0h
Any Address
Erase Suspend
Write 70h
Any Address
Read
Status
Write D0h
Any Address
Erase Resume
Write 70h
Any Address
Read
Status
Write FFh
Any Addres
Read
Array
Write
Read
Status
Data = 70 h
Addr = Any device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com