Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 18 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 18 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 14Page - Micron Technology JS28F256P33BFE Datasheet HTML 15Page - Micron Technology JS28F256P33BFE Datasheet HTML 16Page - Micron Technology JS28F256P33BFE Datasheet HTML 17Page - Micron Technology JS28F256P33BFE Datasheet HTML 18Page - Micron Technology JS28F256P33BFE Datasheet HTML 19Page - Micron Technology JS28F256P33BFE Datasheet HTML 20Page - Micron Technology JS28F256P33BFE Datasheet HTML 21Page - Micron Technology JS28F256P33BFE Datasheet HTML 22Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
18
Order Number: 320003-08
6.2
Device Command Bus Cycles
Device operations are initiated by writing specific device commands to the CUI. See
Table 7, “Command Bus Cycles” on page 19. Several commands are used to modify
array data including Word Program and Block Erase commands. Writing either
command to the CUI initiates a sequence of internally-timed functions that culminate in
the completion of the requested task. However, the operation can be aborted by either
asserting RST# or by issuing an appropriate suspend command.
Suspend
0xB0
Program or Erase
Suspend
This command issued to any device address initiates a suspend of the
currently-executing program or block erase operation. The Status Register
indicates successful suspend operation by setting either SR.2 (program
suspended) or SR 6 (erase suspended), along with SR.7 (ready). The WSM
remains in the suspend mode regardless of control signal states (except for
RST# asserted).
0xD0
Suspend Resume
This command issued to any device address resumes the suspended program
or block-erase operation.
Protection
0x60
Block lock Setup
First cycle of a 2-cycle command; prepares the CUI for block lock
configuration changes. If the next command is not Block Lock (0x01), Block
Unlock (0xD0), or Block Lock-Down (0x2F), the CUI sets SR.5 and SR.4,
indicating a command sequence error.
0x01
Block lock
If the previous command was Block Lock Setup (0x60), the addressed block
is locked.
0xD0
Unlock Block
If the previous command was Block Lock Setup (0x60), the addressed block
is unlocked. If the addressed block is in a lock-down state, the operation has
no effect.
0x2F
Lock-Down Block
If the previous command was Block Lock Setup (0x60), the addressed block
is locked down.
0xC0
Protection program
setup
First cycle of a 2-cycle command; prepares the device for a OTP register or
Lock Register program operation. The second cycle latches the register
address and data, and starts the programming algorithm to program data the
the OTP array.
Configuration
0x60
Read Configuration
Register Setup
First cycle of a 2-cycle command; prepares the CUI for device read
configuration. If the Set Read Configuration Register command (0x03) is not
the next command, the CUI sets Status Register bits SR.5 and SR.4,
indicating a command sequence error.
0x03
Read Configuration
Register
If the previous command was Read Configuration Register Setup (0x60), the
CUI latches the address and writes A[15:0]to the Read Configuration
Register. Following a Configure RCR command, subsequent read operations
access array data.
blank check
0xBC
Blank Check
First cycle of a 2-cycle command; initiates the Blank Check operation on a
main block.
0xD0
Blank Check
Confirm
Second cycle of blank check command sequence; it latches the block address
and executes blank check on the main array block.
other
0xEB
Extended Function
Interface command
This command is used in extended function interface. first cycle of a multiple-
cycle command second cycle is a Sub-Op-Code, the data written on third
cycle is one less than the word count; the allowable value on this cycle are 0
through 511. The subsequent cycles load data words into the program buffer
at a specified address until word count is achieved.
Table 6:
Command Codes and Definitions (Sheet 2 of 2)
Mode
Code
Device Mode
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com