Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 38 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 38 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 34Page - Micron Technology JS28F256P33BFE Datasheet HTML 35Page - Micron Technology JS28F256P33BFE Datasheet HTML 36Page - Micron Technology JS28F256P33BFE Datasheet HTML 37Page - Micron Technology JS28F256P33BFE Datasheet HTML 38Page - Micron Technology JS28F256P33BFE Datasheet HTML 39Page - Micron Technology JS28F256P33BFE Datasheet HTML 40Page - Micron Technology JS28F256P33BFE Datasheet HTML 41Page - Micron Technology JS28F256P33BFE Datasheet HTML 42Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
38
Order Number: 320003-08
Table 13: End of Wordline Data and WAIT state Comparison
11.1.4
WAIT Polarity
The WAIT Polarity bit (WP), RCR.10 determines the asserted level (VOH or VOL) of WAIT.
When WP is set, WAIT is asserted high. When WP is cleared, WAIT is asserted low
(default). WAIT changes state on valid clock edges during active bus cycles (CE#
asserted, OE# asserted, RST# deasserted).
11.1.5
WAIT Signal Function
The WAIT signal indicates data valid when the device is operating in synchronous mode
(RCR.15=0). The WAIT signal is only “deasserted” when data is valid on the bus.
When the device is operating in synchronous non-array read mode, such as read
status, read ID, or read query. The WAIT signal is also “deasserted” when data is valid
on the bus.
WAIT behavior during synchronous non-array reads at the end of word line works
correctly only on the first data access.
When the device is operating in asynchronous page mode, asynchronous single word
read mode, and all write operations, WAIT is set to a deasserted state as determined
by RCR.10. See Figure 18, “Asynchronous Single-Word Read (ADV# Latch)” on
page 52, and Figure 19, “Asynchronous Page-Mode Read Timing” on page 52.
Latency Count
P33-130nm
P33-65nm
Data States
WAIT States
Data States
WAIT States
1
Not Supported
Not Supported
Not Supported
Not Supported
2
4
0 to 1
Not Supported
Not Supported
3
4
0 to 2
16
0 to 2
4
4
0 to 3
16
0 to 3
5
4
0 to 4
16
0 to 4
6
4
0 to 5
16
0 to 5
7
4
0 to 6
16
0 to 6
8
Not Supported
Not Supported
16
0 to 7
9
16
0 to 8
10
16
0 to 9
11
16
0 to 10
12
16
0 to 11
13
16
0 to 12
14
16
0 to 13
15
16
0 to 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com