Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 16 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 16 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 12Page - Micron Technology JS28F256P33BFE Datasheet HTML 13Page - Micron Technology JS28F256P33BFE Datasheet HTML 14Page - Micron Technology JS28F256P33BFE Datasheet HTML 15Page - Micron Technology JS28F256P33BFE Datasheet HTML 16Page - Micron Technology JS28F256P33BFE Datasheet HTML 17Page - Micron Technology JS28F256P33BFE Datasheet HTML 18Page - Micron Technology JS28F256P33BFE Datasheet HTML 19Page - Micron Technology JS28F256P33BFE Datasheet HTML 20Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
16
Order Number: 320003-08
5.4
Standby
When CE# is deasserted the device is deselected and placed in standby, substantially
reducing power consumption. In standby, the data outputs are placed in High-Z,
independent of the level placed on OE#. Standby current, ICCS, is the average current
measured over any 5 ms time interval, 5 µs after CE# is deasserted. During standby,
average current is measured over the same time interval 5 µs after CE# is deasserted.
When the device is deselected (while CE# is deasserted) during a program or erase
operation, it continues to consume active power until the program or erase operation is
completed.
5.5
Reset
As with any automated device, it is important to assert RST# when the system is reset.
When the system comes out of reset, the system processor attempts to read from the
flash memory if it is the system boot device. If a CPU reset occurs with no flash
memory reset, improper CPU initialization may occur because the flash memory may
be providing status information rather than array data. Flash memory devices from
Numonyx allow proper CPU initialization following a system reset through the use of the
RST# input. RST# should be controlled by the same low-true reset signal that resets
the system CPU.
After initial power-up or reset, the device defaults to asynchronous Read Array mode,
and the Status Register is set to 0x80. Asserting RST# de-energizes all internal
circuits, and places the output drivers in High-Z. When RST# is asserted, the device
shuts down the operation in progress, a process which takes a minimum amount of
time to complete. When RST# has been deasserted, the device is reset to
asynchronous Read Array state.
Note:
If RST# is asserted during a program or erase operation, the operation is terminated
and the memory contents at the aborted location (for a program) or block (for an
erase) are no longer valid, because the data may have been only partially written or
erased.
When returning from a reset (RST# deasserted), a minimum wait is required before the
initial read access outputs valid data. Also, a minimum delay is required after a reset
before a write cycle can be initiated. After this wake-up interval passes, normal
operation is restored. See Section 15.0, “AC Characteristics” on page 48 for details
about signal-timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com