Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 37 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 37 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 33Page - Micron Technology JS28F256P33BFE Datasheet HTML 34Page - Micron Technology JS28F256P33BFE Datasheet HTML 35Page - Micron Technology JS28F256P33BFE Datasheet HTML 36Page - Micron Technology JS28F256P33BFE Datasheet HTML 37Page - Micron Technology JS28F256P33BFE Datasheet HTML 38Page - Micron Technology JS28F256P33BFE Datasheet HTML 39Page - Micron Technology JS28F256P33BFE Datasheet HTML 40Page - Micron Technology JS28F256P33BFE Datasheet HTML 41Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
Datasheet
Aug 2009
37
Order Number:320003-08
P33-65nm
11.1.3
End of Word Line (EOWL) Considerations
End of Wordline (EOWL) WAIT states can result when the starting address of the burst
operation is not aligned to a 16-word boundary; that is, A[3:0] of start address does
not equal 0x0. Figure 11, “End of Wordline Timing Diagram” on page 37 illustrates the
end of wordline WAIT state(s), which occur after the first 16-word boundary is reached.
The number of data words and the number of WAIT states is summarized in Table 13,
“End of Wordline Data and WAIT state Comparison” on page 38for both P33-130nm
and P33-65nm devices.
Figure 10: Example Latency Count Setting Using Code 3
CLK
CE#
ADV#
A[MAX:0]
D[15:0]
t
Data
Code 3
Address
Data
01
2
34
R103
High-Z
A[MAX:1]
Figure 11: End of Wordline Timing Diagram
A[Max:1]
ADV#
OE#
WAIT
DQ[15:0]
Data
Data
Data
EOW L
CLK
Latency Count
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com