Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 33 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 33 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 29Page - Micron Technology JS28F256P33BFE Datasheet HTML 30Page - Micron Technology JS28F256P33BFE Datasheet HTML 31Page - Micron Technology JS28F256P33BFE Datasheet HTML 32Page - Micron Technology JS28F256P33BFE Datasheet HTML 33Page - Micron Technology JS28F256P33BFE Datasheet HTML 34Page - Micron Technology JS28F256P33BFE Datasheet HTML 35Page - Micron Technology JS28F256P33BFE Datasheet HTML 36Page - Micron Technology JS28F256P33BFE Datasheet HTML 37Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
Datasheet
Aug 2009
33
Order Number:320003-08
P33-65nm
11.0
Status Register
To read the Status Register, issue the Read Status Register command at any address.
Status Register information is available to which the Read Status Register, Word
Program, or Block Erase command was issued. SRD is automatically made available
following a Word Program, Block Erase, or Block Lock command sequence. Reads from
the device after any of these command sequences outputs the device’s status until
another valid command is written (e.g. the Read Array command).
The Status Register is read using single asynchronous-mode or synchronous burst
mode reads. SRD is output on DQ[7:0], while 0x00 is output on DQ[15:8]. In
asynchronous mode the falling edge of OE#, or CE# (whichever occurs first) updates
and latches the Status Register contents. However, when reading the Status Register in
synchronous burst mode, CE# or ADV# must be toggled to update SRD.
The Device Write Status bit (SR.7) provides overall status of the device. SR[6:1]
present status and error information about the program, erase, suspend, VPP, and
block-locked operations.
Notes:
1.
Always clear the Status Register prior to resuming erase operations. It avoids Status Register ambiguity when issuing
commands during Erase Suspend. If a command sequence error occurs during an erase-suspend state, the Status Register
contains the command sequence error status (SR[7,5,4] set). When the erase operation resumes and finishes, possible
errors during the erase operation cannot be detected via the Status Register because it contains the previous error status
2.
BEFP mode is only valid in main array.
Table 10: Status Register Description
Status Register (SR)
Default Value = 0x80
Device Write
Status
Erase
Suspend
Status
Erase Status
Program
Status
VPP Status
Program
Suspend
Status
Block-Locked
Status
BEFP
Write
Status
DWS
ESS
ES
PS
VPPS
PSS
BLS
BWS
7
654
32
10
Bit
Name
Description
7
Device Write Status (DWS)
0 = Device is busy; program or erase cycle in progress; SR.0 valid.
1 = Device is ready; SR[6:1] are valid.
6
Erase Suspend Status (ESS)
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5
Erase Status
(ES)
Command
Sequence
Error
SR.5
SR.4
Description
4
Program
Status (PS)
0
0
1
1
0
1
0
1
Program or Erase operation successful.
Program error - operation aborted.
Erase error - operation aborted.
Command sequence error - command aborted.
3
VPP Status (VPPS)
0 = VPP within acceptable limits during program or erase operation.
1 = VPP < VPPLK during program or erase operation.
2
Program Suspend Status
(PSS)
0 = Program suspend not in effect.
1 = Program suspend in effect.
1
Block-Locked Status (BLS)
0 = Block not locked during program or erase.
1 = Block locked during program or erase; operation aborted.
0BEFP Write Status (BWS)
After Buffered Enhanced Factory Programming (BEFP) data is loaded into the
buffer:
0 = BEFP complete.
1 = BEFP in-progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com