Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 59 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 59 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 55Page - Micron Technology JS28F256P33BFE Datasheet HTML 56Page - Micron Technology JS28F256P33BFE Datasheet HTML 57Page - Micron Technology JS28F256P33BFE Datasheet HTML 58Page - Micron Technology JS28F256P33BFE Datasheet HTML 59Page - Micron Technology JS28F256P33BFE Datasheet HTML 60Page - Micron Technology JS28F256P33BFE Datasheet HTML 61Page - Micron Technology JS28F256P33BFE Datasheet HTML 62Page - Micron Technology JS28F256P33BFE Datasheet HTML 63Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
Datasheet
Aug 2009
59
Order Number:320003-08
P33-65nm
16.0
Ordering Information
16.1
Discrete Products
Figure 28: Decoder for Discrete Products
F 2 5
P 3 3 B
8
S 2
J
6
Product Line Designator
28F = Numonyx™ Flash Memory
Package Designator
TE = 56 -Lead TSOP, leaded
JS = 56- Lead TSOP, lead-free
RC = 64-Ball Easy BGA, leaded
PC = 64 -Ball Easy BGA, lead-free
Device Density
256 = 256-Mbit
Product Family
P 33 = Numonyx™ StrataFlash ® Embedded Memory (P33)
VCC =2. 3– 3. 6V
VCCQ =2. 3 – 3. 6 V
Device Details
65 nm lithography
Parameter Location
B = Bottom Parameter
T = Top Parameter
F
Table 26: Valid Combinations for Discrete Products
256-Mbit
RC28F256P33TF
RC28F256P33BF
PC28F256P33TF
PC28F256P33BF
TE28F256P33TF
TE28F256P33BF
JS28F256P33TF
JS28F256P33BF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com