Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 31 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 31 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 27Page - Micron Technology JS28F256P33BFE Datasheet HTML 28Page - Micron Technology JS28F256P33BFE Datasheet HTML 29Page - Micron Technology JS28F256P33BFE Datasheet HTML 30Page - Micron Technology JS28F256P33BFE Datasheet HTML 31Page - Micron Technology JS28F256P33BFE Datasheet HTML 32Page - Micron Technology JS28F256P33BFE Datasheet HTML 33Page - Micron Technology JS28F256P33BFE Datasheet HTML 34Page - Micron Technology JS28F256P33BFE Datasheet HTML 35Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
Datasheet
Aug 2009
31
Order Number:320003-08
P33-65nm
10.1.4
Block Lock Status
The Read Device Identifier command is used to determine a block’s lock status (see
Section 7.3, “Read Device Identifier” on page 22). Data bits DQ[1:0] display the
addressed block’s lock status; DQ0 is the addressed block’s lock bit, while DQ1 is the
addressed block’s lock-down bit.
Note:
LK: Lock Setup Command, 60h; LK/D0h: Unlock Command; LK/01h: Lock Command; LK/2Fh: Lock-Down Command.
10.1.5
Block Locking During Suspend
Block lock and unlock changes can be performed during an erase suspend. To change
block locking during an erase operation, first issue the Erase Suspend command.
Monitor the Status Register until SR.7 and SR.6 are set, indicating the device is
suspended and ready to accept another command.
Next, write the desired lock command sequence to a block, which changes the lock
state of that block. After completing block lock or unlock operations, resume the erase
operation using the Erase Resume command.
Note:
A Lock Block Setup command followed by any command other than Lock Block, Unlock
Block, or Lock-Down Block produces a command sequence error and set Status
Register bits SR.4 and SR.5. If a command sequence error occurs during an erase
suspend, SR.4 and SR.5 remains set, even after the erase operation is resumed. Unless
the Status Register is cleared using the Clear Status Register command before
resuming the erase operation, possible erase errors may be masked by the command
sequence error.
Figure 8: Block Locking State Diagram
[0 0 0 ]
[0 0 1 ]
[0 1 1 ]
[1 1 1 ]
[1 0 1 ]
[1 1 0 ]
[1 0 0 ]
LK /
D0 h
LK /
01 h
LK /
2F h
L K /2 F
h
LK /
D0 h
LK /
01h o r 2 F h
LK /
D0 h
LK /
01 h
LK /
2F h
LK /
2F h
PG M /ER A S E
A LLO W E D
PG M /ER A S E
PR EV EN T E D
WP # = V
IL = 0
WP # = V
IH = 1
Po w e r -U p /
R e s e t D e fa u lt
Po w e r - U p /
Re s e t De f a u lt
L o cke d - d o w n
L o ck ed -d o w n
is d is a b le d b y
WP # = V
IH
V ir t u a l lo c k -
do w n
An y L o c k
co m m an d s
WP # t o g g le
W
P #
to
g g
le
[0 1 0 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com