Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 36 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 36 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 32Page - Micron Technology JS28F256P33BFE Datasheet HTML 33Page - Micron Technology JS28F256P33BFE Datasheet HTML 34Page - Micron Technology JS28F256P33BFE Datasheet HTML 35Page - Micron Technology JS28F256P33BFE Datasheet HTML 36Page - Micron Technology JS28F256P33BFE Datasheet HTML 37Page - Micron Technology JS28F256P33BFE Datasheet HTML 38Page - Micron Technology JS28F256P33BFE Datasheet HTML 39Page - Micron Technology JS28F256P33BFE Datasheet HTML 40Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
36
Order Number: 320003-08
Figure 9: First-Access Latency Count
Table 12: LC and Frequency Support
Latency Count Settings
Frequency Support (MHz)
3
≤ 40
4
≤ 52
Code1
(Reserved
Code6
Code5
Code4
Code3
Code2
Code0(Reserved)
Code7
Valid
Address
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Address[A]
ADV#[V]
DQ
15-0 [D/Q]
CLK[C]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com