Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 11 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 11 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 7Page - Micron Technology JS28F256P33BFE Datasheet HTML 8Page - Micron Technology JS28F256P33BFE Datasheet HTML 9Page - Micron Technology JS28F256P33BFE Datasheet HTML 10Page - Micron Technology JS28F256P33BFE Datasheet HTML 11Page - Micron Technology JS28F256P33BFE Datasheet HTML 12Page - Micron Technology JS28F256P33BFE Datasheet HTML 13Page - Micron Technology JS28F256P33BFE Datasheet HTML 14Page - Micron Technology JS28F256P33BFE Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Datasheet
Aug 2009
11
Order Number:320003-08
P33-65nm
3.0
Ballouts
Notes:
1.
A1 is the least significant address bit.
2.
A24 is valid for 256-Mbit densities; otherwise, it is a no connect (NC).
3.
No Internal Connection on VCC Pin 13; it may be driven or floated. For legacy designs, pin can be tied to Vcc.
4.
One dimple on package denotes Pin 1, which will always be in the upper left corner of the package, in reference to the
product mark.
Figure 4: 56-Lead TSOP Pinout (256-Mbit)
Numonyx
StrataFlash® Embedded Memory (P33)
56-Lead TSOP Pinout
14 mm x 20 mm
Top View
1
3
4
2
5
7
8
6
9
11
12
10
13
15
16
14
17
19
20
18
21
23
24
22
25
27
28
26
56
54
53
55
52
50
49
51
48
46
45
47
44
42
41
43
40
38
37
39
36
34
33
35
32
30
29
31
A14
A13
A12
A10
A9
A11
A23
A21
VSS
A22
VCC
WP#
A20
WE#
A19
A8
A7
A18
A6
A4
A3
A5
A2
RFU
VSS
A24
WAIT
DQ15
DQ7
A17
DQ14
DQ13
DQ5
DQ6
DQ12
ADV#
CLK
DQ4
RST#
A16
DQ3
VPP
DQ10
VCCQ
DQ9
DQ2
DQ1
DQ0
VCC
DQ8
OE#
CE#
A1
VSS
A15
DQ11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com