Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 22 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 22 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 18Page - Micron Technology JS28F256P33BFE Datasheet HTML 19Page - Micron Technology JS28F256P33BFE Datasheet HTML 20Page - Micron Technology JS28F256P33BFE Datasheet HTML 21Page - Micron Technology JS28F256P33BFE Datasheet HTML 22Page - Micron Technology JS28F256P33BFE Datasheet HTML 23Page - Micron Technology JS28F256P33BFE Datasheet HTML 24Page - Micron Technology JS28F256P33BFE Datasheet HTML 25Page - Micron Technology JS28F256P33BFE Datasheet HTML 26Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
22
Order Number: 320003-08
• Figure 21, “Continuous Burst Read, showing an Output Delay Timing” on page 53
• Figure 22, “Synchronous Burst-Mode Four-Word Read Timing” on page 54
7.3
Read Device Identifier
The Read Device Identifier command instructs the device to output manufacturer code,
device identifier code, block-lock status, OTP register data, or configuration register
data (see Section 6.2, “Device Command Bus Cycles” on page 18 for details on issuing
the Read Device Identifier command). Table 8, “Device Identifier Information” on
page 22 and Table 9, “Device ID codes” on page 22 show the address offsets and data
values for this device.
7.4
Read CFI
The Read CFI command instructs the device to output Common Flash Interface data
when read.
Table 8:
Device Identifier Information
Item
Address(1,2)
Data
Manufacturer Code
0x00
0x89h
Device ID Code
0x01
ID (see
Table 9)
Block Lock Configuration:
BBA + 0x02
Lock Bit:
• Block Is Unlocked
DQ0 = 0b0
• Block Is Locked
DQ0 = 0b1
• Block Is not Locked-Down
DQ1 = 0b0
• Block Is Locked-Down
DQ1 = 0b1
Read Configuration Register
0x05
RCR Contents
General Purpose Register(3)
DBA + 0x07
general data
Lock Register 0
0x80
PR-LK0
64-bit Factory-Programmed OTP register
0x81–0x84
Factory OTP register data
64-bit User-Programmable OTP Register
0x85–0x88
User OTP register data
Lock Register 1
0x89
OTP register lock data
128-bit User-Programmable OTP registers
0x8A–0x109
User OTP register data
Notes:
1.
BBA = Block Base Address.
2.
DBA = Device base Address, Numonyx reserves other configuration address locations
3.
In P33-65nm, the GPR is used as read out register for Extended Functional interface command.
Table 9:
Device ID codes
ID Code Type
Device Density
Device Identifier Codes
–T
(Top Parameter)
–B
(Bottom Parameter)
Device Code
256-Mbit
891F
8922
Note:
The 512-Mbit devices do not have a Device ID associated with them. Each die within the stack can be identified by either
of the 256-Mbit Device ID codes depending on its parameter option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com