Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P33BFE Datasheet(PDF) 39 Page - Micron Technology

Part # JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Datasheet(HTML) 39 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 35Page - Micron Technology JS28F256P33BFE Datasheet HTML 36Page - Micron Technology JS28F256P33BFE Datasheet HTML 37Page - Micron Technology JS28F256P33BFE Datasheet HTML 38Page - Micron Technology JS28F256P33BFE Datasheet HTML 39Page - Micron Technology JS28F256P33BFE Datasheet HTML 40Page - Micron Technology JS28F256P33BFE Datasheet HTML 41Page - Micron Technology JS28F256P33BFE Datasheet HTML 42Page - Micron Technology JS28F256P33BFE Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Datasheet
Aug 2009
39
Order Number:320003-08
P33-65nm
11.1.6
WAIT Delay
The WAIT Delay (WD) bit controls the WAIT assertion-delay behavior during
synchronous burst reads. WAIT can be asserted either during or one data cycle before
valid data is output on DQ[15:0]. When WD is set, WAIT is deasserted one data cycle
before valid data (default). When WD is cleared, WAIT is deasserted during valid data.
11.1.7
Burst Sequence
The Burst Sequence (BS) bit selects linear-burst sequence (default). Only linear-burst
sequence is supported. Table 15 shows the synchronous burst sequence for all burst
lengths, as well as the effect of the Burst Wrap (BW) setting.
Table 14: WAIT Functionality Table
Condition
WAIT
Notes
CE# = ‘1’, OE# = ‘X’ or CE# = ‘0’, OE# = ‘1’
High-Z
1
CE# =’0’, OE# = ‘0’
Active
1
Synchronous Array Reads
Active
1
Synchronous Non-Array Reads
Active
1
All Asynchronous Reads
Deasserted
1
All Writes
High-Z
1,2
Notes:
1.
Active: WAIT is asserted until data becomes valid, then deasserts.
2.
When OE# = VIH during writes, WAIT = High-Z.
Table 15: Burst Sequence Word Ordering (Sheet 1 of 2)
Start
Addr.
(DEC)
Burst
Wrap
(RCR.3)
Burst Addressing Sequence (DEC)
4-Word Burst
(BL[2:0] = 0b001)
8-Word Burst
(BL[2:0] = 0b010)
16-Word Burst
(BL[2:0] = 0b011)
Continuous Burst
(BL[2:0] = 0b111)
0
0
0-1-2-3
0-1-2-3-4-5-6-7
0-1-2-3-4…14-15
0-1-2-3-4-5-6-…
1
0
1-2-3-0
1-2-3-4-5-6-7-0
1-2-3-4-5…15-0
1-2-3-4-5-6-7-…
2
0
2-3-0-1
2-3-4-5-6-7-0-1
2-3-4-5-6…15-0-1
2-3-4-5-6-7-8-…
3
0
3-0-1-2
3-4-5-6-7-0-1-2
3-4-5-6-7…15-0-1-2
3-4-5-6-7-8-9-…
40
4-5-6-7-0-1-2-3
4-5-6-7-8…15-0-1-2-3
4-5-6-7-8-9-10…
50
5-6-7-0-1-2-3-4
5-6-7-8-9…15-0-1-2-3-
4
5-6-7-8-9-10-11…
60
6-7-0-1-2-3-4-5
6-7-8-9-10…15-0-1-2-
3-4-5
6-7-8-9-10-11-12-…
70
7-0-1-2-3-4-5-6
7-8-9-10…15-0-1-2-3-
4-5-6
7-8-9-10-11-12-13…
14
0
14-15-0-1-2…12-13
14-15-16-17-18-19-20-
…
15
0
15-0-1-2-3…13-14
15-16-17-18-19-20-21-
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com