Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 27Page - Advanced Micro Devices AM79C960 Datasheet HTML 28Page - Advanced Micro Devices AM79C960 Datasheet HTML 29Page - Advanced Micro Devices AM79C960 Datasheet HTML 30Page - Advanced Micro Devices AM79C960 Datasheet HTML 31Page - Advanced Micro Devices AM79C960 Datasheet HTML 32Page - Advanced Micro Devices AM79C960 Datasheet HTML 33Page - Advanced Micro Devices AM79C960 Datasheet HTML 34Page - Advanced Micro Devices AM79C960 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 127 page
background image
P R E L I M I N A R Y
AMD
1-373
Am79C960
Shared Memory Mode
System Interface
The Shared Memory mode is the other fundamental op-
erating mode available on the PCnet-ISA controller. The
PCnet-ISA controller uses the same descriptor and
buffer architecture as the LANCE, but these data struc-
tures are stored in static RAM controlled by the
PCnet-ISA controller. The static RAM is visible as a
memory resource to the PC. The other resources look
the same as in the Bus Master mode.
The Boot PROM is selected by an external device which
drives the Boot PROM Address Match (
BPAM) input to
the PCnet-ISA controller. The PCnet-ISA controller can
perform two 8-bit accesses from the 8-bit Boot PROM
and present16-bits of data. The shared memory works
the same way, with an external device generating
Shared Memory Address Match and the PCnet-ISA
controller performing the read or write and the 8 to 16-bit
data conversion.
Converting shared memory accesses from 8-bit cycles
to 16-bit cycles allows use of the much faster 16-bit cy-
cle timing while cutting the number of bus cycles in half.
This raises performance to more than 400% of what
could be achieved with 8-bit cycles. Converting boot
PROM accesses to 16-bit cycles allows the two memory
resources to be in the same 128 Kbyte block of memory
without a clash between two devices with different data
widths.
Note that the external address buffer must drive all the
bits of PRAB10-15 even if the static RAM is less than
64 Kbytes. The PCnet-ISA controller uses an internal
address comparator to perform SRAM prefetches on
the Private Data Bus; the PRAB0-15 signals are used in-
ternally to determine whether a SRAM read cycle
prefetch is a match or a miss.
Access to the Ethernet controller registers, board con-
figuration registers, and Address PROM is done with
on-chip address comparators.
Network Interface
The PCnet-ISA controller can be connected to an IEEE
802.3 network via one of two network interface ports.
The Attachment Unit Interface (AUI) provides an
IEEE 802.3 compliant differential interface to a remote
MAU or a transceiver on the system board. The
10BASE-T interface provides a twisted-pair Ethernet
port. The PCnet-ISA controller provides three modes of
network interface selection: automatic selection, soft-
ware selection, and jumper selection of AUI or
10BASE-T interface.
In the automatic selection mode, the PCnet-ISA control-
ler will select the interface that is connected to the
network by checking the Link Status state machine. If
both AUI and 10BASE-T interfaces are connected, the
10BASE-T interface is selected over AUI. If the
PCnet-ISA controller is initialized for software selection
of network interface, it will read the PORTSEL [1:0] bits
in the Mode register (CSR15.8 and CSR15.7) to deter-
mine which interface needs to be activated. For jumper
selection of the network interface, the MAUSEL pin is
used. When the XMAUSEL bit in ISACSR2 is set, a
HIGH on the pin will select the 10BASE-T interface, and
a LOW on the pin will select the AUI interface.
ISA
Bus
16-Bit System Data
System
Address
PCnet-ISA
Controller
16-Bit Private Address Bus
Ethernet
Address
PROM
8-Bit
SRAM
16907B-6
Address
Buffer
Address
Compare
Boot
PROM
8-Bit Private Data
CS
CS
E
ABOE BPAM SMAM
A0–X
D0–7
A0–X
D0–7
SRWE
A0–X
D0–7
OE
WE
PRAB0–15
PRDB0–7
BPCS
SROE
APCS
OE
CS
Shared Memory Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com