Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 42Page - Advanced Micro Devices AM79C960 Datasheet HTML 43Page - Advanced Micro Devices AM79C960 Datasheet HTML 44Page - Advanced Micro Devices AM79C960 Datasheet HTML 45Page - Advanced Micro Devices AM79C960 Datasheet HTML 46Page - Advanced Micro Devices AM79C960 Datasheet HTML 47Page - Advanced Micro Devices AM79C960 Datasheet HTML 48Page - Advanced Micro Devices AM79C960 Datasheet HTML 49Page - Advanced Micro Devices AM79C960 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 127 page
background image
P R E L I M I N A R Y
AMD
1-388
Am79C960
General Purpose Serial Interface (GPSI)
The PCnet-ISA controller contains a General Purpose
Serial Interface (GPSI) designed for testing the digital
portions of the chip. The MENDEC, AUI, and twisted
pair interface are by-passed once the device is set up in
the special “test mode” for accessing the GPSI func-
tions. Although this access is intended only for testing
the device, some users may find the non-encoded data
functions useful in some special applications. Note,
however, that the GPSI functions can be accessed only
when the PCnet-ISA devices operate as a bus master.
The PCnet-ISA GPSI signals are consistent with the
LANCE digital serial interface. Since the GPSI functions
can be accessed only through a special test mode, ex-
pect some loss of functionality to the device when the
GPSI is invoked. The AUI and 10BASE-T analog inter-
faces are disabled along with the internal MENDEC
logic. The LA (unlatched address) pins are removed and
become the GPSI signals, therefore, only 20 bits of ad-
dress space is available. The table below shows the
GPSI pin configuration:
To invoke the GPSI signals, follow the procedure below:
1. After reset or I/O read of Reset Address, write 10b
to PORTSEL bits in CSR15.
2. Set the ENTST bit in CSR4
3. Set the GPSIEN bit in CSR124 (see note below)
(The pins LA17–LA23 will change function after the
completion of the above three steps.)
4. Clear the ENTST bit in CSR4
5. Clear both media select bits in ISACSR2
6. Define the PORTSEL bits in the MODE register
(CSR15) to be 10b to define GPSI port. The
MODE register image is in the initialization block.
Note:
LA pins will be tristated before writing to
CORETST bit. After writing to GPSIEN, LA[17–21] will
be inputs, LA[22–23] will be outputs.
Table: GPSI Pin Configurations
LANCE/
PCnet-ISA
PCnet-ISA
GPSI
GPSI
C-LANCE
GPSI
Pin
PCnet-ISA Normal
Function
I/O Type
GPSI Pin
Pin Function
Number
Pin Function
Receive Data
I
RX
RXDAT
5
LA17
Receive Clock
I
RCLK
SRDCLK
6
LA18
Receive Carrier Sense
I
RENA
RXCRS
7
LA19
Collision
I
CLSN
CLSN
9
LA20
Transmit Clock
I
TCLK
STDCLK
10
LA21
Transmit Enable
O
TENA
TXEN
11
LA22
Transmit Data
O
TX
TXDAT
12
LA23
Note: The GPSI function is only available in the Bus Master mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com