Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 41Page - Advanced Micro Devices AM79C960 Datasheet HTML 42Page - Advanced Micro Devices AM79C960 Datasheet HTML 43Page - Advanced Micro Devices AM79C960 Datasheet HTML 44Page - Advanced Micro Devices AM79C960 Datasheet HTML 45Page - Advanced Micro Devices AM79C960 Datasheet HTML 46Page - Advanced Micro Devices AM79C960 Datasheet HTML 47Page - Advanced Micro Devices AM79C960 Datasheet HTML 48Page - Advanced Micro Devices AM79C960 Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
P R E L I M I N A R Y
AMD
1-387
Am79C960
EADI (External Address Detection
Interface)
This interface is provided to allow external address filter-
ing. It is selected by setting the EADISEL bit in
ISACSR2. This feature is typically utilized for terminal
servers, bridges and/or router type products. The use of
external logic is required to capture the serial bit stream
from the PCnet-ISA controller, compare it with a table of
stored addresses or identifiers, and perform the desired
function.
The EADI interface operates directly from the NRZ de-
coded data and clock recovered by the Manchester
decoder or input to the GPSI, allowing the external ad-
dress detection to be performed in parallel with frame
reception and address comparison in the MAC Station
Address Detection (SAD) block.
SRDCLK is provided to allow clocking of the receive bit
stream into the external address detection logic.
SRDCLK runs only during frame reception activity.
Once a received frame commences and data and clock
are available, the EADI logic will monitor the alternating
(“1,0”) preamble pattern until the two ones of the Start
Frame Delimiter (“1,0,1,0,1,0,1,1”) are detected, at
which point the SF/BD output will be driven HIGH.
After SF/BD is asserted the serial data from SRD should
be de-serialized and sent to a content addressable
memory (CAM) or other address detection device.
To allow simple serial to parallel conversion, SF/BD is
provided as a strobe and/or marker to indicate the de-
lineation of bytes, subsequent to the SFD. This provides
a mechanism to allow not only capture and/or decoding
of the physical or logical (group) address, it also facili-
tates the capture of header information to determine
protocol and or inter-networking information. The
EAR
pin is driven LOW by the external address comparison
logic to reject the frame.
If an internal address match is detected by comparison
with either the Physical or Logical Address field, the
frame will be accepted regardless of the condition of
EAR. Incoming frames which do not pass the internal
address comparison will continue to be received. This
allows approximately 58 byte times after the last desti-
nation address bit is available to generate the
EAR
signal, assuming the device is not configured to accept
runt packets.
EAR will be ignored after 64 byte times af-
ter the SFD, and the frame will be accepted if
EAR has
not been asserted before this time. If Runt Packet Ac-
cept is configured, the
EAR signal must be generated
prior to the receive message completion, which could be
as short as 12 byte times (assuming 6 bytes for source
address, 2 bytes for length, no data, 4 bytes for FCS) af-
ter the last bit of the destination address is available.
EAR must have a pulse width of at least 200 ns.
Note that setting the PROM bit (CSR15, bit 15) will
cause all receive frames to be received, regardless of
the state of the
EAR input.
If the DRCVPA bit (CSR15.13) is set and the logical
address (LADRF) is set to zero, only frames which are
not rejected by
EAR will be received.
The EADI interface will operate as long as the STRT bit
in CSR0 is set, even if the receiver and/or transmitter
are disabled by software (DTX and DRX bits in CSR15
set). This situation is useful as a power down mode in
that the PCnet-ISA controller will not perform any DMA
operations; this saves power by not utilizing the ISA bus
driver circuits. However, external circuitry could still re-
spond to specific frames on the network to facilitate
remote node control.
The table below summarizes the operation of the EADI
features.
Table: Internal/External Address Recognition Capabilities
PROM
EAR
Required Timing
Received Messages
1
X
No timing requirements
All Received Frames
0
1
No timing requirements
All Received Frames
0
0
Low for 200 ns within 512 bits after SFD
Physical/Logical Matches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com