Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 69Page - Advanced Micro Devices AM79C960 Datasheet HTML 70Page - Advanced Micro Devices AM79C960 Datasheet HTML 71Page - Advanced Micro Devices AM79C960 Datasheet HTML 72Page - Advanced Micro Devices AM79C960 Datasheet HTML 73Page - Advanced Micro Devices AM79C960 Datasheet HTML 74Page - Advanced Micro Devices AM79C960 Datasheet HTML 75Page - Advanced Micro Devices AM79C960 Datasheet HTML 76Page - Advanced Micro Devices AM79C960 Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 127 page
background image
P R E L I M I N A R Y
AMD
1-415
Am79C960
CSR96-97: Bus Interface Scratch Register 0
Bit
Name
Description
31-0
SCR0
This register is shared between
the Buffer Management Unit and
the Bus Interface Unit. All De-
scriptor Data communications
between the BIU and BMU are
written and read through SCR0
and SCR1 registers. The SCR0
register is undefined until written.
Read/write accessible only when
STOP bit is set.
CSR98-99: Bus Interface Scratch Register 1
Bit
Name
Description
31-0
SCR1
This register is shared between
the Buffer Management Unit and
the Bus Interface Unit. All De-
scriptor Data communications
between the BIU and BMU are
written and read through SCR0
and SCR1 registers.
Read/write accessible only when
STOP bit is set.
CSR104-105: SWAP
Bit
Name
Description
31-0
SWAP
This register performs word and
byte swapping depending upon if
32-bit or 16-bit internal write op-
erations are performed. This
register is used internally by the
BIU/BMU as a word or byte
swapper. The swap register can
perform 32-bit operations that
the PC can not; the register is ex-
ternally
accessible
for
test
reasons only. CSR104 holds the
lower 16 bits and CSR105 holds
the upper 16 bits.
The swap function is defined as
follows:
Internal Write
Operation
SWAP Register Result
32-Bit word
SRC[31:16]
→ SWAP[15:0]
SRC[15:0]
→ SWAP[31:16]
Lower 16-Bit
SRC[15:8]
→ SWAP[ 7: 0]
(CSR104)
SRC[7:0]
→ SWAP[15:8]
Read/write accessible only when
STOP bit is set.
CSR108-109: Buffer Management Scratch
Bit
Name
Description
31-0
BMSCR
The Buffer Management Scratch
register is used for assembling
Receive and Transmit Status.
This register is also used as the
primary scan register for Buffer
Management
Test
Modes.
BMSCR register is undefined un-
til written.
Read/write accessible only when
STOP bit is set.
CSR112: Missed Frame Count
Bit
Name
Description
15-0
MFC
Counts the number of missed
frames.
This register is always readable
and is cleared by STOP.
A write to this register performs
an increment when the ENTST
bit in CSR4 is set.
When MFC is all 1’s (65535) and
a missed frame occurs, MFC in-
crements to 0 and sets MFC0 bit
(CSR4.9).
CSR114: Receive Collision Count
Bit
Name
Description
15-0
RCVCC
Counts the number of Receive
collisions seen, regular and late.
This register is always readable
and is cleared by STOP.
A write to this register performs
an increment when the ENTST
bit in CSR4 is set.
When RCVCC is all 1’s (65535)
and a receive collision occurs,
RCVCC increments to 0 and sets
RCVCC0 bit (CSR4.5)
CSR124: Buffer Management Unit Test
Bit
Name
Description
This register is used to place the
BMU/BIU into various test modes
to support Test/Debug. This reg-
ister
is
writeable
when
the
ENTST bit in CSR4 is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com