Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C960
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 67Page - Advanced Micro Devices AM79C960 Datasheet HTML 68Page - Advanced Micro Devices AM79C960 Datasheet HTML 69Page - Advanced Micro Devices AM79C960 Datasheet HTML 70Page - Advanced Micro Devices AM79C960 Datasheet HTML 71Page - Advanced Micro Devices AM79C960 Datasheet HTML 72Page - Advanced Micro Devices AM79C960 Datasheet HTML 73Page - Advanced Micro Devices AM79C960 Datasheet HTML 74Page - Advanced Micro Devices AM79C960 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 127 page
background image
P R E L I M I N A R Y
AMD
1-413
Am79C960
RCVFW[1:0]
Bytes Received
00
16
01
32
10
64
11
Reserved
11-10XMTSP[1:0]
Transmit Start Point. XMTSP
controls the point at which pre-
amble
transmission
attempts
commence in relation to the num-
ber of bytes written to the
transmit FIFO for the current
transmit frame. When the entire
frame is in the FIFO, transmis-
sion will start regardless of the
value in XMTSP. XMTSP is given
a value of 10b (64 bytes) after
RESET. Regardless of XMTSP,
the FIFO will not internally over
write its data until at least 64
bytes (or the entire frame if <64
bytes) have been transmitted
onto the network. This ensures
that for collisions within the slot
time window, transmit data need
not be re-written to the transmit
FIFO, and re-tries will be handled
autonomously by the MAC. This
bit is read/write accessible only
when the STOP bit is set.
XMTSP[1:0]
Bytes Written
00
4
01
16
10
64
11
112
9-8 XMTFW[1:0]
Transmit
FIFO
Watermark.
XMTFW specifies the point at
which
transmit
DMA
stops,
based upon the number of write
cycles that could be performed to
the transmit FIFO without FIFO
overflow. Transmit DMA is al-
lowed at any time when the
number of write cycles specified
by XMTFW could be executed
without causing transmit FIFO
overflow. XMTFW is set to a
value of 00b (8 cycles) after hard-
ware
RESET.
Read/write
accessible only when STOP bit is
set.
XMTFW[1:0]
Write Cycles
00
8
01
16
10
32
11
Reserved
7-0
DMABR
DMA Burst Register. This regis-
ter
contains
the
maximum
allowable number of transfers to
system memory that the Bus In-
terface will perform during a
single DMA cycle. The Burst
Register is not used to limit the
number
of
transfers
during
Descriptor transfers. A value of
zero will be interpreted as one
transfer. During RESET a value
of 16 is loaded in the BURST reg-
ister. If DMAPLUS (CSR4.14) is
set, the DMA Burst Register is
disabled.
When the Bus Activity Timer reg-
ister
(CSR82:
DMABAT)
is
enabled, the PCnet-ISA control-
ler will relinquish the bus when
either
the
time
specified
in
DMABAT has elapsed or the
number of transfers specified in
DMABR have occured. When
ENTST (CSR4.15) is asserted,
all writes to this register will auto-
matically perform a decrement
cycle.
Read/write accessible only when
STOP bit is set.
CSR82: Bus Activity Timer
Bit
Name
Description
15-0 DMABAT
Bus Activity Timer. If the TIMER
bit in CSR4 is set, this register
contains the maximum allowable
time that the PCnet-ISA control-
ler will take up on the system bus
during FIFO data transfers in
each bus mastership period. The
DMABAT starts counting upon
receipt of
DACK from the host
system. The DMABAT Register
does not limit the number of
transfers
during
Descriptor
transfers.
A value of zero will limit the
PCnet-ISA controller to one bus
cycle per mastership period. A
non-zero value is interpreted as
an unsigned number with a reso-
lution of 100 ns. For instance, a
value of 51 micro seconds would
be programmed with a value of
510. When the TIMER bit in
CSR4 is set, DMABAT is enabled
and must be initialized by the
user. The DMABAT register is
undefined until written. When the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com